Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1816370000 Datasheet(PDF) 26 Page - Weidmuller

Part # 1816370000
Description  OMNIMATE Signal - series BC/SC 3.81 SC-SMT 3.81/02/180G 3.2SN BK BX
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1816370000 Datasheet(HTML) 26 Page - Weidmuller

Back Button 1816370000 Datasheet HTML 22Page - Weidmuller 1816370000 Datasheet HTML 23Page - Weidmuller 1816370000 Datasheet HTML 24Page - Weidmuller 1816370000 Datasheet HTML 25Page - Weidmuller 1816370000 Datasheet HTML 26Page - Weidmuller 1816370000 Datasheet HTML 27Page - Weidmuller 1816370000 Datasheet HTML 28Page - Weidmuller 1816370000 Datasheet HTML 29Page - Weidmuller 1816370000 Datasheet HTML 30Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Data sheet...
 
OMNIMATE Signal - series BC/SC 3.81
SC-SMT 3.81/02/180G 3.2SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Mating connector (fully pluggable)
 
 
Creation date April 9, 2013 10:37:43 PM CEST
 
Catalogue status 12.03.2013 / We reserve the right to make technical changes.
26
1940340000 BCZ 3.81/07/270 SN GN BX
PCB plug-in connector,
female plug, 3.81 mm, No.
of poles: 7, 270°, Clamping
yoke connection, Clamping
range, rated connection,
max.: 1.5 mm², Box
403224865649350 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box
1799040000 BCZ 3.81/05/270 SN GN BX
PCB plug-in connector,
female plug, 3.81 mm, No.
of poles: 5, 270°, Clamping
yoke connection, Clamping
range, rated connection,
max.: 1.5 mm², Box
403224824393850 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box
1940380000 BCZ 3.81/14/270 SN GN BX
PCB plug-in connector,
female plug, 3.81 mm,
No. of poles: 14, 270°,
Clamping yoke connection,
Clamping range, rated
connection, max.: 1.5 mm²,
Box
403224865645550 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box
1799070000 BCZ 3.81/10/270 SN GN BX
PCB plug-in connector,
female plug, 3.81 mm,
No. of poles: 10, 270°,
Clamping yoke connection,
Clamping range, rated
connection, max.: 1.5 mm²,
Box
403224824396950 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box
1940260000 BCZ 3.81/09/270 SN OR BX
PCB plug-in connector,
female plug, 3.81 mm, No.
of poles: 9, 270°, Clamping
yoke connection, Clamping
range, rated connection,
max.: 1.5 mm², Box
403224865657850 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box
1940190000 BCZ 3.81/02/270 SN OR BX
PCB plug-in connector,
female plug, 3.81 mm, No.
of poles: 2, 270°, Clamping
yoke connection, Clamping
range, rated connection,
max.: 1.5 mm², Box
403224865664650 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box
1798940000 BCZ 3.81/02/270 SN BK BX
PCB plug-in connector,
female plug, 3.81 mm, No.
of poles: 2, 270°, Clamping
yoke connection, Clamping
range, rated connection,
max.: 1.5 mm², Box
403224824372350 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box
1940450000 BCZ 3.81/15/270 SN BK BX
PCB plug-in connector,
female plug, 3.81 mm,
No. of poles: 15, 270°,
Clamping yoke connection,
Clamping range, rated
connection, max.: 1.5 mm²,
Box
403224865638750 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box
1940410000 BCZ 3.81/09/270 SN BK BX
PCB plug-in connector,
female plug, 3.81 mm, No.
of poles: 9, 270°, Clamping
yoke connection, Clamping
403224865642450 pc(s).
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Box


Similar Part No. - 1816370000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1816 ETC2-1816 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
1816 ETC2-1816 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
logo
Heyco.
1816 HEYCO-1816 Datasheet
173Kb / 1P
   RDD Lockit™ Strain Relief Bushings – Right Angle
logo
Tyco Electronics
1816124-1 MACOM-1816124-1 Datasheet
530Kb / 7P
   Accessories Miniature Relay PT
logo
PHOENIX CONTACT
1816140 PHOENIX-1816140 Datasheet
134Kb / 5P
   Printed-circuit board connector - DMC 1,5/ 3-G1-3,5 P20THRR24-2
More results

Similar Description - 1816370000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793130000 WEIDMULLER-1793130000 Datasheet
84Kb / 5P
   SC 3.81/02/90G 3.2SN BK BX
1862950000 WEIDMULLER-1862950000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/180G 3.2SN BK BX
1863020000 WEIDMULLER-1863020000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
1862460000 WEIDMULLER-1862460000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/02/90G 3.2SN BK BX
2442340000 WEIDMULLER-2442340000 Datasheet
1Mb / 6P
   OMNIMATE Signal - series BC/SC 3.81 BCZ 3.81/07/180LR SN OR BX
November 19, 2019
1862480000 WEIDMULLER-1862480000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/03/90G 3.2SN BK BX
1862490000 WEIDMULLER-1862490000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/90G 3.2SN BK BX
1862550000 WEIDMULLER-1862550000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/10/90G 3.2SN BK BX
1862530000 WEIDMULLER-1862530000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/08/90G 3.2SN BK BX
1793630000 WEIDMULLER-1793630000 Datasheet
81Kb / 5P
   SC 3.81/4/180G3.2SN GN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com