Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF2012-201Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRF2012-201Y
Description  SRF2012 Series - Common Mode Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF2012-201Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRF2012-201Y Datasheet HTML 1Page - Bourns Electronic Solutions SRF2012-201Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SRF2012 Series - Common Mode Chip Inductors
REV. 02/08
14 + 0
(.551 + 0)
16.5
(.650)
2.0
± 0.5
(.079
± .020)
50.0 - 0
(1.969 - 0)
178
(7.00)
DIA.
13.0
(.512)
DIA.
13.0
(.512)
DIA.
21.0
± 0.8
(.827
± .031)
Packaging Specifications
START
END
4.0
(.157)
4.0
(.157)
200
(7.87)
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.75)
USER DIRECTION OF FEED
QTY: 2000 PCS. PER REEL
DIMENSIONS:
MM
(INCHES)
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
120 - 150 seconds
60 - 90
seconds
260°C peak
190°C
150°C
220°C
Ramp Down
6°C/second
maximum
<1> 255°C
<1> Maximum of 10 seconds between
+255°C and +260°C
Ramp Up
3°C/second maximum
10 seconds minimum
Rev. 02/22/05
Electrical Schematic
1
4
N1
N2
2
3


Similar Part No. - SRF2012-201Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF2012-201YA BOURNS-SRF2012-201YA Datasheet
413Kb / 3P
   SRF2012A Series - Common Mode Chip Inductors
SRF2012-201YA BOURNS-SRF2012-201YA Datasheet
413Kb / 3P
   Common Mode Chip Inductors
SRF2012-201YA BOURNS-SRF2012-201YA Datasheet
374Kb / 4P
   Common Mode Chip Inductors
More results

Similar Description - SRF2012-201Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF4532 BOURNS-SRF4532 Datasheet
281Kb / 3P
   Common Mode Chip Inductors
SRF2012AA BOURNS-SRF2012AA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
SRF2012-300YA BOURNS-SRF2012-300YA Datasheet
374Kb / 4P
   Common Mode Chip Inductors
SRF3216A BOURNS-SRF3216A Datasheet
526Kb / 4P
   Common Mode Chip Inductors
SRF3216 BOURNS-SRF3216 Datasheet
378Kb / 3P
   Common Mode Chip Inductors
SRF2012A BOURNS-SRF2012A Datasheet
413Kb / 3P
   Common Mode Chip Inductors
SRF2012A-670YA BOURNS-SRF2012A-670YA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
SRF3216A-900Y BOURNS-SRF3216A-900Y Datasheet
526Kb / 4P
   Common Mode Chip Inductors
SRF4532-1R0Y BOURNS-SRF4532-1R0Y Datasheet
252Kb / 3P
   Common Mode Chip Inductors
logo
Central Technologies
CTDLW43SF CT-CTDLW43SF Datasheet
545Kb / 2P
   Common Mode Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com