Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1086P251JR-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XB1086P251JR-G
Description  1.5A Poisitive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1086P251JR-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XB1086P251JR-G Datasheet HTML 1Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 2Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 3Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 4Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 5Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 6Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 7Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 8Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ETR0325-006
■GENERAL DESCRIPTION
The XB1086 is a series of low dropout positive voltage regulators with a high output current capability of 1.5A.
Stable output can be maintained by using 10μF (CIN) and 22μF (CL) of tantalum capacitors.
The XB1086P series is available in the fixed voltage types of 1.5V, 1.8V, 2.5V, 3.3V, and 5.0V.
The XB1086K is also
available as a voltage adjustable type which can set the output voltage with only two external resistors.
With an over current
and thermal protection circuit built-in, the IC is disabled for protection when an output current reaches limit current or junction
temperature increases up to limit temperature.
The XB1086 series is available in TO-252 package.
■TYPICAL APPLICATION CIRCUITS
■APPLICATIONS
● High efficiency linear regulators
● Battery chargers
● DVD drives
● Set top boxes
● Various battery drive equipment
XB1086P Series
VIN
VOUT
VSS
IOUT
VIN
CIN=10uF
(Tantalum)
CL=22uF
(Tantalum)
XB1086K Series
VIN
VOUT
ADJ
IOUT
VIN
CIN=10uF
(Tantalum)
CL=22uF
(Tantalum)
R1
R2
VOUT=VREF×(1+R2/R1) + IADJ×R2
XB1086P331
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
300
600
900
1200
1500
Output Current: IOUT (mA)
Ta=85℃
Ta=25℃
Ta=0℃
VIN=4.9V
CIN=10uF(Tantal)、CL=22uF(Tantal)
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Output Voltage vs. Output Current
■FEATURES
Maximum Output Current
: More than 1.5A (within Pd)
Maximum Operating Voltage
: 15V
Output Voltage
: 1.5V, 1.8V, 2.5V,
3.3V, 5.0V (XB1086P),
Externally Set
(XB1086K / Reference
Voltage 1.25V (TYP.))
Output Voltage Accuracy
: ±1% ( Tj =25℃)
Dropout Voltage
: 1.3V @ IOUT=1.5A (TYP.)
Line Regulation
: 0.015% (TYP.) <ADJ>
Load Regulation
: 0.1% (TYP.) <ADJ>
Reference Voltage Pin Current : Less than 120μA <ADJ>
Overcurrent Protection Circuit Built-In
Thermal Protection Circuit Built-In
Package
: TO-252
Environmentally Friendly
: EU RoHS Compliant
VIN=4.9V
CIN=10μF (Tantalum), CL=22μF (Tantalum)
CIN=10μF
CIN=10μF
CL=22μF
CL=22μF


Similar Part No. - XB1086P251JR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1086P251JR TOREX-XB1086P251JR Datasheet
133Kb / 11P
   1.5A Positive Voltage Regulator
More results

Similar Description - XB1086P251JR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1086 TOREX-XB1086_15 Datasheet
178Kb / 11P
   1.5A Poisitive Voltage Regulator
logo
List of Unclassifed Man...
LM7805 ETC-LM7805 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Torex Semiconductor
XB1086 TOREX-XB1086 Datasheet
133Kb / 11P
   1.5A Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800_09 Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7900 GAMMA-GM7900 Datasheet
96Kb / 10P
   1.5A NEGATIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com