Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1085K151JR-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XB1085K151JR-G
Description  3.0A Positive voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1085K151JR-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XB1085K151JR-G Datasheet HTML 1Page - Torex Semiconductor XB1085K151JR-G Datasheet HTML 2Page - Torex Semiconductor XB1085K151JR-G Datasheet HTML 3Page - Torex Semiconductor XB1085K151JR-G Datasheet HTML 4Page - Torex Semiconductor XB1085K151JR-G Datasheet HTML 5Page - Torex Semiconductor XB1085K151JR-G Datasheet HTML 6Page - Torex Semiconductor XB1085K151JR-G Datasheet HTML 7Page - Torex Semiconductor XB1085K151JR-G Datasheet HTML 8Page - Torex Semiconductor XB1085K151JR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ETR0324-006
XB1085 Series
■GENERAL DESCRIPTION
The XB1085 is a series of low dropout positive voltage regulators with a high output current capacity of 3.0A .
Stable output can be maintained by using 10μF (CIN) and 22μF (CL) of tantalum capacitors.
The fixed voltage types (XB1085P series) are available in 1.5V, 1.8V, 2.5V, 3.3V, and 5.0V. The voltage adjustable type
(XB1085K series) is also available which can set the output voltage with only two external resistors.
With an overcurrent and thermal protection circuit built-in, the IC is disabled for protection when an output current reaches
limit current or junction temperature increases up to limit temperature.
The XB1085 series is available in TO-252 package.
■TYPICAL APPLICATION CIRCUITS
■APPLICATIONS
● High efficiency linear regulators
● Battery chargers
● DVD drives
● Set top boxes
● Various battery drive equipment
■FEATURES
Maximum Output Current
: More than 3.0A (within Pd)
Maximum Operating Voltage
: 12V
Output Voltage
: 1.5V, 1.8V, 2.5V, 3.3V,
5.0V, (XB1085P)
Externally Set
(XB1085K/ Reference
Voltage 1.25V (TYP.))
Output Voltage Accuracy
: ±1% ( Tj =25℃)
Dropout Voltage
: 1.3V @ IOUT=3.0A (TYP.)
Line Regulation
: 0.015% (TYP.) <ADJ>
Load Regulation
: 0.1% (TYP.) <ADJ>
Reference Voltage Pin Current: Less than 120μA <ADJ>
Overcurrent Protection Circuit Built-In
Thermal Protection Circuit Built-In
Package
: TO-252
Environmentally Friendly
: EU RoHS Compliant
XB1085P Series
VIN
VOUT
VSS
IOUT
VIN
CIN=10uF
(Tantalum)
CL=22uF
(Tantalum)
XB1085K Series
VIN
VOUT
ADJ
IOUT
VIN
CIN=10uF
(Tantalum)
CL=22uF
(Tantalum)
R1
R2
VOUT=VREF×(1+R2/R1) + IADJ×R2
XB1085P331
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
0
600
1200
1800
2400
3000
Output Current: IOUT (mA)
Ta=85℃
Ta=25℃
Ta=0℃
VIN=4.9V
CIN=10μF(Tantal),CL=22μF(Tantal)
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Output Voltage vs. Output Current
VIN=4.9V
CIN=10μF (Tantalum), CL=22μF (Tantalum)
CL=22μF
(Tantalum)
CL=22μF
(Tantalum)
CIN=10μF
(Tantalum)
CIN=10μF
(Tantalum)


Similar Part No. - XB1085K151JR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085K151JR TOREX-XB1085K151JR Datasheet
127Kb / 11P
   3.0A Positive Voltage Regulator
More results

Similar Description - XB1085K151JR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085 TOREX-XB1085 Datasheet
127Kb / 11P
   3.0A Positive Voltage Regulator
XB1085 TOREX-XB1085_15 Datasheet
178Kb / 11P
   3.0A Positive Voltage Regulator
logo
First Components Intern...
LT1085 FCI-LT1085 Datasheet
5Mb / 5P
   3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com