Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1086P501JR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XB1086P501JR
Description  1.5A Poisitive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1086P501JR Datasheet(HTML) 5 Page - Torex Semiconductor

  XB1086P501JR Datasheet HTML 1Page - Torex Semiconductor XB1086P501JR Datasheet HTML 2Page - Torex Semiconductor XB1086P501JR Datasheet HTML 3Page - Torex Semiconductor XB1086P501JR Datasheet HTML 4Page - Torex Semiconductor XB1086P501JR Datasheet HTML 5Page - Torex Semiconductor XB1086P501JR Datasheet HTML 6Page - Torex Semiconductor XB1086P501JR Datasheet HTML 7Page - Torex Semiconductor XB1086P501JR Datasheet HTML 8Page - Torex Semiconductor XB1086P501JR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
XB1086
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
VIN-VOUT=2.0V
1.238
1.250
1.262
Reference Voltage
VREF
IOUT=10mA
O.T.
(*1)
1.225
-
1.270
V
1.5V≦VIN-VOUT≦10V
-
0.015
0.2
Line Regulation
⊿VOUT1
IOUT=10mA
O.T.
(*1)
0.035
0.2
%
VIN-VOUT=2.0V
-
0.1
0.3
Load Regulation
⊿VOUT2
10mA≦IOUT≦1.5A
O.T.
(*1)
0.2
0.4
%
Dropout Voltage
Vdif
⊿VOUT=1%, IOUT=1.5A
-
1.3
1.5
V
Current Limit
ILIM
VIN-VOUT=2.0V
1.5
2.3
-
A
Temperature Stability
TS
VIN-VOUT=1.5V
IOUT=10mA
O.T.
(*1)
-
0.5
-
%
-
Minimum Output
Current
IOUTmin
1.4V≦VIN-VOUT≦10V
O.T.
(*1)
-
2
5
mA
Adjust Voltage Pin
Current
IADJ
VIN=VOUT+1.5V
IOUT=10mA
O.T.
(*1)
-
60
120
μA
Note:
*1: O.T. denotes the specifications which apply over the range of operating junction temperature (0℃≦Tj≦125
OC).
Please be sure that the power consumption does not exceed the power dissipation rating, 1300mW.
If the power consumption
exceeds the power dissipation rating and the operating junction temperature rises more than the rating, 125
OC, the IC enters thermal
shutdown state.
XB1086K12BJ
Tj= 25℃ unless otherwise specified
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XB1086P501JR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1086P501JR TOREX-XB1086P501JR Datasheet
133Kb / 11P
   1.5A Positive Voltage Regulator
More results

Similar Description - XB1086P501JR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1086 TOREX-XB1086_15 Datasheet
178Kb / 11P
   1.5A Poisitive Voltage Regulator
logo
List of Unclassifed Man...
LM7805 ETC-LM7805 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Torex Semiconductor
XB1086 TOREX-XB1086 Datasheet
133Kb / 11P
   1.5A Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800_09 Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7900 GAMMA-GM7900 Datasheet
96Kb / 10P
   1.5A NEGATIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com