Electronic Components Datasheet Search |
|
ACPL-W343-060E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
ACPL-W343-060E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
4 / 20 page 4 Recommended Pb-Free IR Profile Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non- Halide Flux should be used. Regulatory Information The ACPL-P343/W343 is approved by the following organizations: UL Recognized under UL 1577, component recognition program up to VISO = 3750 VRMS (ACPL-P343) and VISO = 5000 VRMS (ACPL-W343) expected prior to product release. CSA CSA Component Acceptance Notice #5, File CA 88324 IEC/EN/DIN EN 60747-5-2 (Option 060 Only) Maximum Working Insulation Voltage VIORM = 891 Vpeak (ACPL-P343) and VIORM = 1140 Vpeak (ACPL-W343) Table 1. IEC/EN/DIN EN 60747-5-2 Insulation Characteristics* (Option 060 – Under Evaluation) Description Symbol ACPL-P343 Option 060 ACPL-W343 Option 060 Unit Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage ≤ 150 Vrms for rated mains voltage ≤ 300 Vrms for rated mains voltage ≤ 450 Vrms for rated mains voltage ≤ 600 Vrms for rated mains voltage ≤ 1000 Vrms I – IV I – IV I – III I – III I – IV I – IV I – IV I – IV I – III Climatic Classification 55/100/21 55/100/21 Pollution Degree (DIN VDE 0110/1.89) 2 2 Maximum Working Insulation Voltage VIORM 891 1140 Vpeak Input to Output Test Voltage, Method b* VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial discharge < 5 pC VPR 1671 2137 Vpeak Input to Output Test Voltage, Method a* VIORM x 1.6 = VPR, Type and Sample Test, tm = 10 sec, Partial discharge < 5 pC VPR 1426 1824 Vpeak Highest Allowable Overvoltage (Transient Overvoltage tini = 60 sec) VIOTM 6000 8000 Vpeak Safety-limiting values – maximum values allowed in the event of a failure. Case Temperature Input Current Output Power TS IS, INPUT PS, OUTPUT 175 230 600 175 230 600 °C mA mW Insulation Resistance at TS, VIO = 500 V RS >109 >109 * Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/EN/ DIN EN 60747-5-2) for a detailed description of Method a and Method b partial discharge test profiles. Note: These optocouplers are suitable for “safe electrical isolation” only within the safety limit data. Maintenance of the safety data shall be ensured by means of protective circuits. Surface mount classification is Class A in accordance with CECC 00802. |
Similar Part No. - ACPL-W343-060E |
|
Similar Description - ACPL-W343-060E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |