Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-W343-000E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W343-000E
Description  4.0 Amp Output Current IGBT Gate Drive Optocoupler
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W343-000E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-W343-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Figure 1. High output rail voltage vs. temperature
Figure 2. VOH vs. temperature
Figure 3. IOH vs. temperature
Figure 4. IOH vs. VOH
Figure 5.VOL vs. temperature
Figure 6. IOL vs. temperature
IF = 10 mA
IOUT = 0 mA
VCC = 30 V
VEE = 0 V
IF = 7 to 16 mA
IOUT = -100 mA
VCC = 15 to 30 V
VEE = 0 V
IF = 7 to 16 mA
VOUT = VCC  4 V
VCC = 15 to 30 V
VEE = 0 V
IF = 7 to 16 mA
VCC = 15 to 30 V
VEE = 0 V
TA = 25° C
VF (OFF) = 0 V
IOUT = 100 mA
VCC = 15 to 30 V
VEE = 0 V
29.84
29.81
29.82
29.83
29.77
29.78
29.79
29.8
-40 -30 -20 -100 10 20 30 40 50 607080 90 100
TA - TEMPERATURE - °C
-40 -30 -20 -100
10 20 30 40 50 6070 80 90 100
TA - TEMPERATURE - °C
-40 -30 -20 -100
10 20 30 40 50 6070 80 90 100
TA - TEMPERATURE - °C
-40 -30 -20 -100 10 20 30 40 50 6070 80 90 100
TA - TEMPERATURE - °C
-40 -30 -20 -100 10 20 30 40 50 607080 90 100
TA - TEMPERATURE - °C
0
-0.15
-0.1
-0.05
-0.25
-0.2
-0.5
0
-2
-1.5
-1
-4
-3.5
-3
-2.5
-1
-0.5
0
0.5
-3
-2.5
-2
-1.5
-4.5
-4
-3.5
0
123
4
5
6
(VOH-VCC) - HIGH OUTPUT VOLTAGE DROP - V
0.1
0.12
0.14
0.02
0.04
0.06
0.08
0
3
3.5
4
4.5
0.5
1
1.5
2
2.5
0
VF (OFF) = 0 V
VOUT = 2.5 V
VCC = 15 to 30 V
VEE = 0 V


Similar Part No. - ACPL-W343-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W343 AVAGO-ACPL-W343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
More results

Similar Description - ACPL-W343-000E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com