Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1085P501JR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XB1085P501JR
Description  3.0A Positive voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1085P501JR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XB1085P501JR Datasheet HTML 3Page - Torex Semiconductor XB1085P501JR Datasheet HTML 4Page - Torex Semiconductor XB1085P501JR Datasheet HTML 5Page - Torex Semiconductor XB1085P501JR Datasheet HTML 6Page - Torex Semiconductor XB1085P501JR Datasheet HTML 7Page - Torex Semiconductor XB1085P501JR Datasheet HTML 8Page - Torex Semiconductor XB1085P501JR Datasheet HTML 9Page - Torex Semiconductor XB1085P501JR Datasheet HTML 10Page - Torex Semiconductor XB1085P501JR Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8/11
XB1085 Series
(7) Load Transient Response
(8) Input Transient Response
(9) Ripple Rejection Rate
XB1085P331
0
20
40
60
80
100
0.01
0.1
1
10
100
ripple rejection rate(kHz)
VIN=6.3VDC+1.0Vp-pAC
IOUT=1A、Ta=25℃、CL=25uF(Tantal)
XB1085P331
5
6
7
8
9
10
11
Time(200μs/DIV)
3.20
3.22
3.24
3.26
3.28
3.30
3.32
VIN
VOUT
5.3V
7.3V
IOUT=200mA
CIN=1μF(Tantal),CL=10μF(Tantal)
XB1085P331
-1.5
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
Time(100μs/DIV)
0.0
1.0
2.0
3.0
4.0
VIN=6.3V
CIN=CL=10μF(Tantal)
0.1A
3A
IOUT
VOUT
XB1085K12B(VOUT=3.3V)
-1.5
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
Time(100μs/DIV)
0.0
1.0
2.0
3.0
4.0
VIN=6.3V
CIN=CL=10μF(Tantal)
0.1A
3A
VOUT
IOUT
XB1085K12B(VOUT=3.3V)
5
6
7
8
9
10
11
Time(200μs/DIV)
3.24
3.26
3.28
3.30
3.32
3.34
3.36
5.3V
7.3V
VIN
VOUT
IOUT=200mA
CIN=1μF(Tantal),CL=10μF(Tantal)
XB1085K12B(VOUT=3.3V)
0
20
40
60
80
100
0.01
0.1
1
10
100
ripple rejection rate(kHz)
VIN=6.3VDC+1.0Vp-pAC
IOUT=1A、Ta=25℃、CL=25uF(Tantal)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
VIN=6.3VDC+ 1.0Vp-pAC
IOUT=1A, Ta=25℃, CL=25μF (Tantalum)
VIN=6.3VDC+ 1.0Vp-pAC
IOUT=1A, Ta=25℃, CL=25μF (Tantalum)
0.1
1
10
Ripple Frequency: f (kHz)
0.1
1
10
Ripple Frequency: f (kHz)
IOUT=200mA
CIN=1μF (Tantalum), CL=10μF (Tantalum)
IOUT=200mA
CIN=1μF (Tantalum), CL=10μF (Tantalum)
VIN=6.3V
CIN=CL=10μF (Tantalum)
VIN=6.3V
CIN=CL=10μF (Tantalum)


Similar Part No. - XB1085P501JR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085P501JR TOREX-XB1085P501JR Datasheet
127Kb / 11P
   3.0A Positive Voltage Regulator
More results

Similar Description - XB1085P501JR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085 TOREX-XB1085 Datasheet
127Kb / 11P
   3.0A Positive Voltage Regulator
XB1085 TOREX-XB1085_15 Datasheet
178Kb / 11P
   3.0A Positive Voltage Regulator
logo
First Components Intern...
LT1085 FCI-LT1085 Datasheet
5Mb / 5P
   3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com