Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA37GU2K5 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA37GU2K5
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA37GU2K5 Datasheet(HTML) 2 Page - Texas Instruments

  OPA37GU2K5 Datasheet HTML 1Page - Texas Instruments OPA37GU2K5 Datasheet HTML 2Page - Texas Instruments OPA37GU2K5 Datasheet HTML 3Page - Texas Instruments OPA37GU2K5 Datasheet HTML 4Page - Texas Instruments OPA37GU2K5 Datasheet HTML 5Page - Texas Instruments OPA37GU2K5 Datasheet HTML 6Page - Texas Instruments OPA37GU2K5 Datasheet HTML 7Page - Texas Instruments OPA37GU2K5 Datasheet HTML 8Page - Texas Instruments OPA37GU2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
OPA27, OPA37
2
SBOS135C
www.ti.com
Top View
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage ...................................................................................
±22V
Internal Power Dissipation (2) ....................................................... 500mW
Input Voltage .....................................................................................
±V
CC
Output Short-Circuit Duration (3) ................................................. Indefinite
Differential Input Voltage (4) .............................................................
±0.7V
Differential Input Current (4) ...........................................................
±25mA
Storage Temperature Range .......................................... –55
°C to +125°C
Operating Temperature Range ......................................... –40
°C to +85°C
Lead Temperature:
P (soldering, 10s) ....................................................................... +300
°C
U (soldering, 3s) ......................................................................... +260
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Maximum package power dissipation versus ambient
temperature. (2) To common with
±V
CC = 15V. (4) The inputs are protected by
back-to-back diodes. Current limiting resistors are not used in order to achieve
low noise. If differential input voltage exceeds
±0.7V, the input current should
be limited to 25mA.
PACKAGE
PACKAGE
PRODUCT
PACKAGE-LEAD
θ
JA
DRAWING
MARKING
OPA27
DIP-8
100
°C/W
P
OPA27GP
OPA27
SO-8
160
°C/W
D
OPA27U
OPA37
DIP-8
100
°C/W
P
OPA37GP
OPA37
SO-8
160
°C/W
D
OPA37U
NOTE: (1) For the most current package and ordering information, see the
Package Option Addendum located at the end of this document, or see the TI
website at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
1
2
3
4
5
6
7
8
Offset Trim
+V
CC
–In
+In
–V
CC
Output
NC
NC = No Connection
Offset Trim


Similar Part No. - OPA37GU2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA37GU2K5 TI-OPA37GU2K5 Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA37GU2K5G4 TI-OPA37GU2K5G4 Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA37GU2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA37CJ TI1-OPA37CJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
559Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
April 2000
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com