Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSE973 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QSE973
Description  SIDELOOKER PIN PHOTODIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSE973 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QSE973 Datasheet HTML 1Page - Fairchild Semiconductor QSE973 Datasheet HTML 2Page - Fairchild Semiconductor QSE973 Datasheet HTML 3Page - Fairchild Semiconductor QSE973 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2 OF 4
12/13/01
DS300371
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Reverse Breakdown Voltage
IR = 0.1 mA
VR
32
——
V
Dark Reverse Current
VR = 10 V
IR(D)
——
30
nA
Peak Sensitivity
VR = 5 V
!
PS
930
nM
Reception Angle at 1/2 Power
"
90
Deg.
Photocurrent (6)
VCE = 5 V, Ee = 1.0 mW/cm2
Iph
30
——
µA
Capacitance
VR = 3 V
C
20
pF
Rise Time
VR = 5 V, RL = 1 KΩ
tr
50
nS
Fall Time
VR = 5 V, RL = 1 KΩ
tf
50
nS
ELECTRICAL CHARACTERISTICS (TA =25°C)
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +85
°C
Soldering:
Lead Temperature (Iron) (2,3,4,5)
TSOL
240 for 5 sec
°C
Lead Temperature (Flow) (2,3,5)
260 for 10 sec
Reverse Voltage
VR
32
V
Power Dissipation 25°C Ambient (2)
PD
150
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
NOTE:
1. Derate power dissipation linearly 2.5 mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or Isopropyl alcohols are recommended as cleaning agents.
4. Soldering iron tip 1/16” (1.6 mm) from housing.
5. As long as leads are not under any stress or spring tension.
6. Light source is an GaAs LED which has a peak emission wavelength of 940 nm.
SIDELOOKER PIN PHOTODIODE
QSE973


Similar Part No. - QSE973

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QSE973 QT-QSE973 Datasheet
137Kb / 2P
   SIDELOOKER PIN PHOTODIODE
More results

Similar Description - QSE973

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QSE973 QT-QSE973 Datasheet
137Kb / 2P
   SIDELOOKER PIN PHOTODIODE
logo
OSRAM GmbH
LPT-80-A OSRAM-LPT-80-A Datasheet
204Kb / 9P
   Sidelooker, Epoxy
logo
Panasonic Semiconductor
PNZ335 PANASONIC-PNZ335 Datasheet
56Kb / 3P
   PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FH KODENSHI-HPI-6FH Datasheet
200Kb / 2P
   PIN Photodiode
logo
Panasonic Semiconductor
PNZ3108 PANASONIC-PNZ3108 Datasheet
44Kb / 2P
   PIN Photodiode
PNZ331CL PANASONIC-PNZ331CL Datasheet
53Kb / 3P
   PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FER2 KODENSHI-HPI-6FER2 Datasheet
200Kb / 2P
   PIN Photodiode
HPI-6FGR4 KODENSHI-HPI-6FGR4 Datasheet
200Kb / 2P
   PIN Photodiode
HPI-2464 KODENSHI-HPI-2464 Datasheet
224Kb / 2P
   PIN Photodiode
logo
Panasonic Semiconductor
PNZ330CL PANASONIC-PNZ330CL Datasheet
81Kb / 3P
   PIN Photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com