Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1792860000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1792860000
Description  Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/02/90G 3.2SN BK BX
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1792860000 Datasheet(HTML) 1 Page - Weidmuller

  1792860000 Datasheet HTML 1Page - Weidmuller 1792860000 Datasheet HTML 2Page - Weidmuller 1792860000 Datasheet HTML 3Page - Weidmuller 1792860000 Datasheet HTML 4Page - Weidmuller 1792860000 Datasheet HTML 5Page - Weidmuller 1792860000 Datasheet HTML 6Page - Weidmuller 1792860000 Datasheet HTML 7Page - Weidmuller 1792860000 Datasheet HTML 8Page - Weidmuller 1792860000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
Creation date October 1, 2010 9:28:50 PM CEST
Last update 30.08.2010 / We reserve the right to make technical changes.
1
Pitch 3.81 mm (0.150 inch)
SC-SMT 3.81/02/90G 3.2SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-2083
www.weidmueller.com
General ordering data
Order No.
1862460000
Part designation
SC-SMT 3.81/02/90G 3.2SN BK BX
Version
PCB plug-in connector, male header, 3.81 mm,
No. of poles: 2, 90°, Solder pin length: 3.2 mm,
tinned, black, Reflow solder connection, Box
GTIN (EAN)
4032248427611
Qty.
50 pc(s).
Packaging
Box
High-temperature-resistant pin header (SC-SMT 90G) in 3.81-
mm pitch (0.15 inch)
• Plugging direction parallel to PCB (recumbent)
• Closed (G)
• Packed either in box (BX) or on anti-static roll (tape-on-reel,
RL)
• Pin length of either 1.5 mm or 3.2 mm
Weidmüller's 3.81-mm-pitch (0.15 inch) plug-in connectors are
compatible with the layouts of standard connectors and offer
space for labelling and coding.
• 320 V (IEC) / 300 V (UL)
• 14.9 A (IEC) / 10 A (UL)


Similar Part No. - 1792860000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1792860000 WEIDMULLER-1792860000 Datasheet
88Kb / 6P
   BCZ 3.81/2/180 SN GN
1792860000 WEIDMULLER-1792860000 Datasheet
88Kb / 6P
   PCB connection systems
1792860000 WEIDMULLER-1792860000 Datasheet
88Kb / 6P
   PCB connection systems
1792860000 WEIDMULLER-1792860000 Datasheet
371Kb / 35P
   OMNIMATE Signal - series BC/SC 3.81 SC-SMT 3.81/02/180G 3.2SN BK BX
More results

Similar Description - 1792860000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1862480000 WEIDMULLER-1862480000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/03/90G 3.2SN BK BX
1862490000 WEIDMULLER-1862490000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/90G 3.2SN BK BX
1862550000 WEIDMULLER-1862550000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/10/90G 3.2SN BK BX
1862530000 WEIDMULLER-1862530000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/08/90G 3.2SN BK BX
1793130000 WEIDMULLER-1793130000 Datasheet
84Kb / 5P
   SC 3.81/02/90G 3.2SN BK BX
1862950000 WEIDMULLER-1862950000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/180G 3.2SN BK BX
1863020000 WEIDMULLER-1863020000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
1862920000 WEIDMULLER-1862920000 Datasheet
371Kb / 35P
   OMNIMATE Signal - series BC/SC 3.81 SC-SMT 3.81/02/180G 3.2SN BK BX
1798170000 WEIDMULLER-1798170000 Datasheet
84Kb / 6P
   BCZ 3.81/08/270 SN BK BX
2442340000 WEIDMULLER-2442340000 Datasheet
1Mb / 6P
   OMNIMATE Signal - series BC/SC 3.81 BCZ 3.81/07/180LR SN OR BX
November 19, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com