Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6658 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6658
Description  LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6658 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6658 Datasheet HTML 4Page - Texas Instruments LMH6658 Datasheet HTML 5Page - Texas Instruments LMH6658 Datasheet HTML 6Page - Texas Instruments LMH6658 Datasheet HTML 7Page - Texas Instruments LMH6658 Datasheet HTML 8Page - Texas Instruments LMH6658 Datasheet HTML 9Page - Texas Instruments LMH6658 Datasheet HTML 10Page - Texas Instruments LMH6658 Datasheet HTML 11Page - Texas Instruments LMH6658 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
10
1k
1M
20
80
70
90
10M
10k
100
100M
FREQUENCY (Hz)
100k
40
60
50
30
-PSRR
+PSRR
-100 -80 -60 -40 -20
0
20 40 60 80 100
-0.01
-0.005
0
0.005
0.01
0.015
0.02
0.025
0.03
IRE (%)
100
75
50
25
0
RF = RG = 750:
RL = 150:
VS = ±5V
NTSC
DG
DP
1
2
3
4
5
6
7
8
9
INPUT (VPP)
0
9
1
2
3
4
5
6
7
8
10
10
VS = ±5V
AV = -1
RL = 100:
f = 20MHz
f = 40MHz
f = 50MHz
f = 60MHz
f = 1MHz
f = 30MHz
f = 70MHz
f = 80MHz
100
1k
100k
100M
FREQUENCY (Hz)
20
50
10M
1M
10k
80
70
40
30
60
90
VS = ±5V
-5
-4
-3
-2
-1
0
1
2
3
4
5
20
25
30
35
40
45
VCM (V)
VS = ±5V
RL = 100:
25°C
-40°C
85°C
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
INPUT (VPP)
f = 30MHz
f = 20MHz
f = 80MHz
f = 70MHz
f = 60MHz
VS = ±2.5V, AV = -1
RL = 100:
f = 40MHz
f = 50MHz
LMH6657, LMH6658
SNOSA35F – AUGUST 2002 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Phase Margin vs. VCM
Output vs. Input
Figure 9.
Figure 10.
Output vs. Input
CMRR vs. Frequency
Figure 11.
Figure 12.
PSRR vs. Frequency
DG/DP vs. IRE
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6657 LMH6658


Similar Part No. - LMH6658

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6658 NSC-LMH6658 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
logo
National Semiconductor ...
LMH6658MA NSC-LMH6658MA Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
More results

Similar Description - LMH6658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com