Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6041AIMX Datasheet(PDF) 7 Page - Texas Instruments

Part # LMC6041AIMX
Description  LMC6041 CMOS Single Micropower Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6041AIMX Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC6041AIMX Datasheet HTML 3Page - Texas Instruments LMC6041AIMX Datasheet HTML 4Page - Texas Instruments LMC6041AIMX Datasheet HTML 5Page - Texas Instruments LMC6041AIMX Datasheet HTML 6Page - Texas Instruments LMC6041AIMX Datasheet HTML 7Page - Texas Instruments LMC6041AIMX Datasheet HTML 8Page - Texas Instruments LMC6041AIMX Datasheet HTML 9Page - Texas Instruments LMC6041AIMX Datasheet HTML 10Page - Texas Instruments LMC6041AIMX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LMC6041
www.ti.com
SNOS610E – DECEMBER 1994 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VS = ± 7.5V, TA = 25°C unless otherwise specified
Gain and Phase Responses
Open-Loop
vs
Frequency Response
Load Capacitance
Figure 15.
Figure 16.
Gain and Phase Responses
Gain Error (VOS
vs
vs
Temperature
VOUT)
Figure 17.
Figure 18.
Common-Mode Error
Non-Inverting Slew Rate
vs
vs
Common-Mode Voltage of Three Representative Units
Temperature
Figure 19.
Figure 20.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMC6041


Similar Part No. - LMC6041AIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6041AIMX TI1-LMC6041AIMX Datasheet
1Mb / 23P
[Old version datasheet]   LMC6041 CMOS Single Micropower Operational Amplifier
LMC6041AIMX/NOPB TI1-LMC6041AIMX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Single Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6041AIMXNOPB NSC-LMC6041AIMXNOPB Datasheet
1Mb / 23P
   LMC6041 CMOS Single Micropower Operational Amplifier
More results

Similar Description - LMC6041AIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6041 NSC-LMC6041_14 Datasheet
1Mb / 23P
   LMC6041 CMOS Single Micropower Operational Amplifier
logo
Texas Instruments
LMC6041AIM TI1-LMC6041AIM Datasheet
1Mb / 23P
[Old version datasheet]   LMC6041 CMOS Single Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6041 NSC-LMC6041 Datasheet
381Kb / 12P
   CMOS Single Micropower Operational Amplifier
logo
Texas Instruments
LMC6041 TI1-LMC6041 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Single Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
[Old version datasheet]   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com