Electronic Components Datasheet Search |
|
LMC6041AIM Datasheet(PDF) 10 Page - Texas Instruments |
|
|
LMC6041AIM Datasheet(HTML) 10 Page - Texas Instruments |
10 / 23 page LMC6041 SNOS610E – DECEMBER 1994 – REVISED MARCH 2013 www.ti.com APPLICATIONS HINTS AMPLIFIER TOPOLOGY The LMC6041 incorporates a novel op-amp design topology that enables it to maintain rail-to-rail output swing even when driving a large load. Instead of relying on a push-pull unity gain output buffer stage, the output stage is taken directly from the internal integrator, which provides both low output impedance and large gain. Special feed-forward compensation design techniques are incorporated to maintain stability over a wider range of operating conditions than traditional micropower op-amps. These features make the LMC6041 both easier to design with, and provide higher speed than products typically found in this ultra-low power class. COMPENSATING FOR INPUT CAPACITANCE It is quite common to use large values of feedback resistance with amplifiers with ultra-low input current, like the LMC6041. Although the LMC6041 is highly stable over a wide range of operating conditions, certain precautions must be met to achieve the desired pulse response when a large feedback resistor is used. Large feedback resistors and even small values of input capacitance, due to transducers, photodiodes, and circuits board parasitics, reduce phase margins. When high input impedance are demanded, guarding of the LMC6041 is suggested. Guarding input lines will not only reduce leakage, but lowers stray input capacitance as well. (See Printed-Circuit-Board Layout for High Impedance Work.) Figure 28. Cancelling the Effect of Input Capacitance The effect of input capacitance can be compensated for by adding a capacitor. Adding a capacitor, Cf, around the feedback resistor (as in Figure 28 ) such that: (1) or R1 CIN ≤ R2 Cf (2) Since it is often difficult to know the exact value of CIN, Cf can be experimentally adjusted so that the desired pulse response is achieved. Refer to the LMC660 and the LMC662 for a more detailed discussion on compensating for input capacitance. CAPACITIVE LOAD TOLERANCE Direct capacitive loading will reduce the phase margin of many op-amps. A pole in the feedback loop is created by the combination of the op-amp's output impedance and the capacitive load. This pole induces phase lag at the unity-gain crossover frequency of the amplifier resulting in either an oscillatory or underdamped pulse response. With a few external components, op amps can easily indirectly drive capacitive loads, as shown in Figure 29. 10 Submit Documentation Feedback Copyright © 1994–2013, Texas Instruments Incorporated Product Folder Links: LMC6041 |
Similar Part No. - LMC6041AIM |
|
Similar Description - LMC6041AIM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |