Electronic Components Datasheet Search |
|
LMC6041IN Datasheet(PDF) 2 Page - Texas Instruments |
|
LMC6041IN Datasheet(HTML) 2 Page - Texas Instruments |
2 / 23 page LMC6041 SNOS610E – DECEMBER 1994 – REVISED MARCH 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) Differential Input Voltage ±Supply Voltage Supply Voltage (V+ − V−) 16V Output Short Circuit to V− See(3) Output Short Circuit to V+ See(4) Lead Temperature (Soldering, 10 sec.) 260°C Storage Temperature Range −65°C to +150°C Junction Temperature 110°C ESD Tolerance(5) 500V Current at Input Pin ±5 mA Current at Output Pin ±18 mA Current at Power Supply Pin 35 mA Voltage at Input/Output Pin (V+) + 0.3V, (V−) − 0.3V Power Dissipation See(6) (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating conditions indicate conditions for which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. (2) If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications. (3) Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 110°C. Output currents in excess of ±30 mA over long term may adversely affect reliability. (4) Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected. (5) Human body model, 1.5 k Ω in series with 100 pF. (6) The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max) − TA)/θJA. Operating Ratings Temperature Range LMC6041AI, LMC6041I −40°C ≤ TJ ≤ +85°C Supply Voltage 4.5V ≤ V+ ≤ 15.5V Power Dissipation See(1) Thermal Resistance ( θJA) (2) 8-Pin PDIP package 101°C/W 8-Pin SOIC package 165°C/W (1) For operating at elevated temperatures the device must be derated based on the thermal resistance θJA with PD = (TJ − TA)/θJA. (2) All numbers apply for packages soldered directly into a PC board. 2 Submit Documentation Feedback Copyright © 1994–2013, Texas Instruments Incorporated Product Folder Links: LMC6041 |
Similar Part No. - LMC6041IN |
|
Similar Description - LMC6041IN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |