Electronic Components Datasheet Search |
|
NM24C16UFLEN Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
NM24C16UFLEN Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 13 page 4 www.fairchildsemi.com NM24C16U/17U Rev. B.1 Product Specifications Absolute Maximum Ratings Ambient Storage Temperature –65 °C to +150°C All Input or Output Voltages with Respect to Ground 6.5V to –0.3V Lead Temperature (Soldering, 10 seconds) +300 °C ESD Rating 2000V min. Operating Conditions Ambient Operating Temperature NM24C16U/17U 0 °C to +70°C NM24C16UE/17UE -40 °C to +85°C NM24C16UV/17UV -40 °C to +125°C Positive Power Supply NM24C16U/17U 4.5V to 5.5V NM24C16UL/17UL 2.7V to 5.5V NM24C16ULZ/17ULZ 2.7V to 5.5V Standard V CC (4.5V to 5.5V) DC Electrical Characteristics Symbol Parameter Test Conditions Limits Units Min Typ Max (Note 1) I CCA Active Power Supply Current f SCL = 400 KHz 0.2 1.0 mA fSCL = 100 KHz I SB Standby Current V IN = GND or VCC 10 50 µA ILI Input Leakage Current VIN = GND to VCC 0.1 1 µA I LO Output Leakage Current V OUT = GND to VCC 0.1 1 µA VIL Input Low Voltage –0.3 VCC x 0.3 V V IH Input High Voltage V CC x 0.7 V CC + 0.5 V VOL Output Low Voltage IOL = 3 mA 0.4 V Low V CC (2.7V to 5.5V) DC Electrical Characteristics Symbol Parameter Test Conditions Limits Units Min Typ Max (Note 1) I CCA Active Power Supply Current f SCL = 400 KHz 0.2 1.0 mA fSCL = 100 KHz I SB Standby Current V IN = GND V CC = 2.7V - 4.5V 1 10 µA or V CC V CC = 2.7V - 4.5V 0.1 1 µA VCC = 4.5V - 5.5V 10 50 µA I LI Input Leakage Current V IN = GND to VCC 0.1 1 µA ILO Output Leakage Current VOUT = GND to VCC 0.1 1 µA V IL Input Low Voltage –0.3 V CC x 0.3 V VIH Input High Voltage VCC x 0.7 VCC + 0.5 V V OL Output Low Voltage I OL = 3 mA 0.4 V Capacitance T A = +25°C, f = 100/400 KHz, VCC = 5V (Note 2) Symbol Test Conditions Max Units C I/O Input/Output Capacitance (SDA) V I/O = 0V 8 pF CIN Input Capacitance (A0, A1, A2, SCL) VIN = 0V 6 pF Note 1: Typical values are TA = 25°C and nominal supply voltage (5V). Note 2: This parameter is periodically sampled and not 100% tested. |
Similar Part No. - NM24C16UFLEN |
|
Similar Description - NM24C16UFLEN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |