Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSTUD32450G Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSTUD32450G
Description  Configurable 4-Bit to 40-Bit Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD32450G Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSTUD32450G Datasheet HTML 5Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 6Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 7Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 8Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 9Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 10Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 11Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 12Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
www.fairchildsemi.com
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions (Note 6)
Note 3: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 4: VS is the voltage observed/applied at either the A or B Ports across
the switch.
Note 5: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 6: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 7: Typical values are at VCC
5.0V and TA 25qC
Note 8: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Supply Voltage (VCC)
0.5V to 7.0V
DC Switch Voltage (VS) (Note 4)
2.0V to 7.0V
DC Input Control Pin Voltage
(VIN) (Note 5)
0.5V to 7.0V
DC Input Diode Current (lIK) VIN  0V
50 mA
DC Output (IOUT) Current
128 mA
DC VCC/GND Current (ICC/IGND)
/ 100 mA
Storage Temperature Range (TSTG)
65qC to 150 qC
Power Supply Operating (VCC)
4.0V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)
0V to 5.5V
Free Air Operating Temperature (TA)-40 qC to 85 qC
Symbol
Parameter
VCC
TA 40 qC to 85 qC
Units
Conditions
(V)
Min
Typ
(Note 7)
Max
VIK
Clamp Diode Voltage
4.5
1.2
V
IIN 18 mA
VIH
HIGH Level Input Voltage
4.0-5.5
2.0
V
IF S2 HIGH 4.5V d VCC d 5.5V
VIL
LOW Level Input Voltage
4.0-5.5
0.8
V
IF S2 HIGH 4.5V d VCC d 5.5V
VOH
HIGH Level Output Voltage
4.5-5.5
See Figure 4
V
S2 S5 VCC
II
Input Leakage Current
5.5
r1.0
PA0 d VIN d 5.5V
010
PAVIN 5.5V
IOZ
OFF-STATE Leakage Current
5.5
r1.0
PA0 d A, B d VCC
RON
Switch On Resistance
4.5
4
7
:
VIN 0V, IIN 64 mA, S2 S5 0V or VCC
(Note 8)
4.5
4
7
:
VIN 0V, IIN 30 mA, S2 S5 0V or VCC
4.5
8
12
:
VIN 2.4V, IIN 15 mA, S2 S5 0V
4.0
11
20
:
VIN 2.4V, IIN 15 mA, S2 S5 0V
4.5
35
50
:
VIN 2.4V, IIN 15 mA, S2 S5 VCC
ICC
Quiescent Supply Current
5.5
3
PAS2 S5 GND, VIN VCC or GND, IOUT 0
10
PAS2 S5 VCC, OEx VCC, VIN VCC or GND, IOUT 0
1.5
mA
S2 S5 VCC, OEx GND, VIN VCC or GND, IOUT 0
ICCT
Increase in ICC per
5.5
2.5
mA
One Control Input at 3.4V
Control Input
Other Inputs at VCC or GND, S2 0V
4.0
mA
One Control Input at 3.4V
Other Inputs at VCC or GND, S2 VCC
VIKU
Voltage Undershoot
5.5
2.0
V
0.0 mA
t IIN t 50 mA
OEx 5.5V


Similar Part No. - FSTUD32450G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
More results

Similar Description - FSTUD32450G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTD32450 FAIRCHILD-FSTD32450 Datasheet
470Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary)
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FST32211 FAIRCHILD-FST32211 Datasheet
240Kb / 6P
   40/48-Bit Bus Switch
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
   4-BIT BUS SWITCH
logo
NXP Semiconductors
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3126 ONSEMI-FST3126_17 Datasheet
83Kb / 7P
   4-Bit Bus Switch
December, 2017 ??Rev. 0
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126_05 Datasheet
119Kb / 5P
   4-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com