Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65ALS1176D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65ALS1176D
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65ALS1176D Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65ALS1176D Datasheet HTML 3Page - Texas Instruments SN65ALS1176D Datasheet HTML 4Page - Texas Instruments SN65ALS1176D Datasheet HTML 5Page - Texas Instruments SN65ALS1176D Datasheet HTML 6Page - Texas Instruments SN65ALS1176D Datasheet HTML 7Page - Texas Instruments SN65ALS1176D Datasheet HTML 8Page - Texas Instruments SN65ALS1176D Datasheet HTML 9Page - Texas Instruments SN65ALS1176D Datasheet HTML 10Page - Texas Instruments SN65ALS1176D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SN65ALS1176
DIFFERENTIAL BUS TRANSCEIVER
SLLS295A – APRIL 1998 – REVISED DECEMBER 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOD2
VOC
RL
2
RL
2
Figure 1. Driver VOD2 and VOC Test Circuit
VOD3
Vtest
375
375
60
Figure 2. Driver VOD3 Test Circuit
TEST CIRCUIT
VOLTAGE WAVEFORMS
3 V
0 V
≈ –2.5 V
50%
10%
tt(OD)
tt(OD)
td(ODL)
50%
10%
90%
90%
1.5 V
td(ODH)
Output
Input
Output
3 V
50
RL = 54 Ω
≈2.5 V
Generator
(see Note B)
CL = 50 pF
(see Note A)
1.5 V
(see Note C)
(see Note C)
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
C. td(OD) = td(ODH) or td(ODL)
Figure 3. Driver Differential-Output Delay and Transition Times


Similar Part No. - SN65ALS1176D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176D TI-SN65ALS1176D Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN65ALS1176D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com