Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72590T8140S160 Datasheet(PDF) 3 Page - EPCOS

Part # B72590T8140S160
Description  Ceramic transient voltage suppressors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72590T8140S160 Datasheet(HTML) 3 Page - EPCOS

  B72590T8140S160 Datasheet HTML 1Page - EPCOS B72590T8140S160 Datasheet HTML 2Page - EPCOS B72590T8140S160 Datasheet HTML 3Page - EPCOS B72590T8140S160 Datasheet HTML 4Page - EPCOS B72590T8140S160 Datasheet HTML 5Page - EPCOS B72590T8140S160 Datasheet HTML 6Page - EPCOS B72590T8140S160 Datasheet HTML 7Page - EPCOS B72590T8140S160 Datasheet HTML 8Page - EPCOS B72590T8140S160 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Features
ESD protection level acc. to ISO 10605,
IEC 61000-4-2 level 4
Bidirectional protection
Capacitance ratings down to 2 pF
Low insertion loss
Low leakage current
No signal distortion
RoHS-compatible
Suitable for lead-free soldering
Applications
ESD protection for high-speed data lines such as
USB 2.0, firewire, etc.
ESD protection for I/O ports of video and audio lines
Integrated solutions for connectors in mobile
communication and handheld devices
Design
Multilayer technology
Lack of plastic or epoxy encapsulation for
flammability rating better than UL 94 V-0
Termination (see “Soldering directions”):
CT and CA types with nickel barrier terminations
(AgNiSn), recommended for lead-free soldering,
and compatible with tin/lead solder.
Single chip
Internal circuit
Available case sizes:
EIA
Metric
0201
0603
0402
1005
0603
1608
Array
Internal circuit
4-fold array
Available case sizes:
EIA
Metric
Version
0508
1220
4-fold array
0612
1632
4-fold array
Multilayer varistors (MLVs)
High-speed series
Page 3 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72590T8140S160

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72590T8140S160 EPCOS-B72590T8140S160 Datasheet
137Kb / 7P
   Metal Oxide Varistors SMD multilayer varistor with Ni-barrier termination
B72590T8140S160 EPCOS-B72590T8140S160 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
More results

Similar Description - B72590T8140S160

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com