Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM9076BMAX-5.0 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM9076BMAX-5.0
Description  LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9076BMAX-5.0 Datasheet(HTML) 2 Page - Texas Instruments

  LM9076BMAX-5.0 Datasheet HTML 1Page - Texas Instruments LM9076BMAX-5.0 Datasheet HTML 2Page - Texas Instruments LM9076BMAX-5.0 Datasheet HTML 3Page - Texas Instruments LM9076BMAX-5.0 Datasheet HTML 4Page - Texas Instruments LM9076BMAX-5.0 Datasheet HTML 5Page - Texas Instruments LM9076BMAX-5.0 Datasheet HTML 6Page - Texas Instruments LM9076BMAX-5.0 Datasheet HTML 7Page - Texas Instruments LM9076BMAX-5.0 Datasheet HTML 8Page - Texas Instruments LM9076BMAX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM9076
SNVS260L – NOVEMEBER 2003 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 3. Top View
Figure 4. Top View
Part Numbers LM9076S-3.3 and LM9076S-5.0
Part Numbers LM9076BMA-3.3 and
See SFM Package Number KTT0005B
LM9076BMA-5.0
See SOIC Package Number D
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN(DC)
-15V to +55V
VIN(+Transient) t< 10ms, Duty Cycle <1%
+70V
VIN(-Transient) t< 1ms, Duty Cycle <1%
-50V
SHUTDOWN Pin
-15V to +52V
RESET Pin
-0.3V to 20V
CDELAY Pin
-0.3V to VOUT +0.3V
Storage Temperature
-65°C to +150°C
Junction Temperature (TJ )
+175C
ESD, HBM, per AEC - Q100 - 002
+/-2 kV
ESD, MM, per AEC - Q100 - 003
+/-250V
(1)
Absolute Maximum Ratings indicate the limits beyond which the device may cease to function, and/or damage to the device may occur.
Operating Ratings
(1) (2)
VIN Pin
5.35V to 40V
VSHUTDOWN Pin
0V to 40V
Junction Temperature
−40°C < TJ < +125°C
Thermal Resistance KTT0005B(3)
θJA
75°C/W
θJC
2.9°C/W
Thermal Resistance D(3)
θJA
156°C/W
θJC
59°C/W
(1)
Absolute Maximum Ratings indicate the limits beyond which the device may cease to function, and/or damage to the device may occur.
(2)
Operating Ratings indicate conditions for which the device is intended to be functional, but does not ensure specific performance limits.
For ensured specifications and conditions refer to the Electrical Characteristics
(3)
Worst case (FREE AIR) per EIA/JESD51–3.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM9076


Similar Part No. - LM9076BMAX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9076BMAX-5.0/NOPB TI1-LM9076BMAX-5.0/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
LM9076BMAX-5.0NOPB TI-LM9076BMAX-5.0NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Available with 5.0V or 3.3V Output Voltage, Ultra Low Ground Pin Current, 25 關A Typical for 100 關A Load
More results

Similar Description - LM9076BMAX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076Q TI-LM9076Q_15 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com