Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSE133 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QSE133
Description  PLASTIC SILICON INFRARED PHOTOTRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSE133 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QSE133 Datasheet HTML 1Page - Fairchild Semiconductor QSE133 Datasheet HTML 2Page - Fairchild Semiconductor QSE133 Datasheet HTML 3Page - Fairchild Semiconductor QSE133 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5/1/02
Page 2 of 4
© 2002 Fairchild Semiconductor Corporation
PLASTIC SILICON
INFRARED PHOTOTRANSISTOR
QSE133
NOTES:
1. Derate power dissipation linearly 1.33 mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or isopropyl alcohols are recommended as cleaning agents.
4. Soldering iron 1/16" (1.6 mm) minimum from housing.
5.
λ = 880 nm (AlGaAs).
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-40 to +100
°C
Storage Temperature
TSTG
-40 to +100
°C
Soldering Temperature (Iron)(2,3,4)
TSOL-I
240 for 5 sec
°C
Soldering Temperature (Flow)(2,3)
TSOL-F
260 for 10 sec
°C
Collector Emitter Voltage
VCE
30
V
Emitter Collector Voltage
VEC
5V
Power Dissipation(1)
PD
100
mW
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Units
Peak Sensitivity
λPS
880
nM
Reception Angle
Θ
±25
Deg.
Collector Emitter Dark Current
VCE = 10 V, Ee = 0
ICEO
——
100
nA
Collector-Emitter Breakdown
IC = 1 mA
BVCEO
30
——
V
Emitter-Collector Breakdown
IE = 100 µA
BVECO
5
——
V
On-State Collector Current(5)
Ee = 0.25 mW/cm
2, V
CE = 5 V
IC(ON)
9.0
——
mA
Saturation Voltage(5)
Ee = 0.5 mW/cm
2, I
C = 0.4 mA
VCE(SAT)
——
1.0
V
Rise Time
IC = 0.15mA, VCC = 5V,
RL = 100Ω
tr
20
µs
Fall Time
tf
50
µs


Similar Part No. - QSE133

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QSE133 QT-QSE133 Datasheet
148Kb / 2P
   SIDELOOKE PHOTODARLINGTON
More results

Similar Description - QSE133

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSC112 FAIRCHILD-QSC112 Datasheet
105Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE122 FAIRCHILD-QSE122 Datasheet
327Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE113 FAIRCHILD-QSE113 Datasheet
320Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_06 Datasheet
510Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213C FAIRCHILD-QSE213C Datasheet
437Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD122 FAIRCHILD-QSD122 Datasheet
93Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_07 Datasheet
152Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD722 FAIRCHILD-QSD722 Datasheet
51Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112CC6R0 FAIRCHILD-QSC112CC6R0 Datasheet
153Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213 FAIRCHILD-QSE213_05 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com