Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5107 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5107
Description  LM5107 100V / 1.4A Peak Half Bridge Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5107 Datasheet(HTML) 1 Page - Texas Instruments

  LM5107 Datasheet HTML 1Page - Texas Instruments LM5107 Datasheet HTML 2Page - Texas Instruments LM5107 Datasheet HTML 3Page - Texas Instruments LM5107 Datasheet HTML 4Page - Texas Instruments LM5107 Datasheet HTML 5Page - Texas Instruments LM5107 Datasheet HTML 6Page - Texas Instruments LM5107 Datasheet HTML 7Page - Texas Instruments LM5107 Datasheet HTML 8Page - Texas Instruments LM5107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM5107
www.ti.com
SNVS333D – NOVEMBER 2004 – REVISED MARCH 2013
LM5107 100V / 1.4A Peak Half Bridge Gate Driver
Check for Samples: LM5107
1
FEATURES
DESCRIPTION
The LM5107 is a low cost high voltage gate driver,
Drives Both a High Side and Low Side N-
designed to drive both the high side and the low side
Channel MOSFET
N-Channel MOSFETs in a synchronous buck or a
High Peak Output Current (1.4A Sink / 1.3A
half bridge configuration. The floating high-side driver
Source)
is capable of working with rail voltages up to 100V.
The outputs are independently controlled with TTL
Independent TTL compatible inputs
compatible input thresholds. An integrated on chip
Integrated Bootstrap Diode
high voltage diode is provided to charge the high side
Bootstrap Supply Voltage to 118V DC
gate drive bootstrap capacitor. A robust level shifter
Fast Propagation Times (27 ns Typical)
technology operates at high speed while consuming
low power and providing clean level transitions from
Drives 1000 pF Load with 15ns Rise and Fall
the control input logic to the high side gate driver.
Times
Under-voltage lockout is provided on both the low
Excellent Propagation Delay Matching (2 ns
side and the high side power rails. The device is
Typical)
available in the SOIC and the thermally enhanced
WSON packages.
Supply Rail Under-Voltage Lockout
Low Power Consumption
Package
Pin Compatible with ISL6700
SOIC
WSON (4 mm x 4 mm)
TYPICAL APPLICATIONS
Current Fed Push-Pull Converters
Half and Full Bridge Power Converters
Solid State Motor Drives
Two Switch Forward Power Converters
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5107

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
   100V / 1.4A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5107 TI1-LM5107 Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
LM5107MA TI1-LM5107MA Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
LM5107MA/NOPB TI1-LM5107MA/NOPB Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
LM5107MAX TI1-LM5107MAX Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
More results

Similar Description - LM5107

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
   100V / 1.4A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5107 TI1-LM5107_16 Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
   100V / 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
logo
Monolithic Power System...
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
   100V High Frequency Half-Bridge Gate Driver
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
logo
Intersil Corporation
EL7761 INTERSIL-EL7761 Datasheet
121Kb / 5P
   100V Half Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com