Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2727MTCX Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2727MTCX
Description  LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2727MTCX Datasheet(HTML) 5 Page - Texas Instruments

  LM2727MTCX Datasheet HTML 1Page - Texas Instruments LM2727MTCX Datasheet HTML 2Page - Texas Instruments LM2727MTCX Datasheet HTML 3Page - Texas Instruments LM2727MTCX Datasheet HTML 4Page - Texas Instruments LM2727MTCX Datasheet HTML 5Page - Texas Instruments LM2727MTCX Datasheet HTML 6Page - Texas Instruments LM2727MTCX Datasheet HTML 7Page - Texas Instruments LM2727MTCX Datasheet HTML 8Page - Texas Instruments LM2727MTCX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
612
614
616
618
620
622
624
626
628
630
AMBIENT TEMPERATURE (
oC)
0 10 20 25 35 45 55 65 75 85 95 105115 125
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
AMBIENT TEMPERATURE (
oC)
0 10 20 25 35 45 55 65 75 85 95 105115125
AMBIENT TEMPERATURE (
oC)
0
20
35
55
75
95
115
Without
Bootstrap
(Vboot = 12V)
With
Bootstrap
(Vboot = 5V)
1.46
1.48
1.5
1.52
1.54
1.56
1.58
1.6
1.62
1.64
28.9
29.1
29.3
29.5
29.7
29.9
30.1
30.3
AMBIENT TEMPERATURE (
oC)
0 10 20 25 35 45 55 65 75 85 95105115 125
20
30
40
50
60
70
80
90
100
0.2
1
3
5
7
9
OUTPUT CURRENT (A)
Vin = 5V
Vin = 12V
Vin = 3.3V
30
40
50
60
70
80
90
100
0.1
0.5
2
4
6
8
10
Vin = 5V
Vin = 12V
OUTPUT CURRENT (A)
LM2727, LM2737
www.ti.com
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
Typical Performance Characteristics
Efficiency (VO = 1.5V)
Efficiency (VO = 3.3V)
FSW = 300kHz, TA = 25°C
FSW = 300kHz, TA = 25°C
Figure 2.
Figure 3.
VCC Operating Current
Bootpin Current
vs
vs
Temperature
Temperature for BOOTV = 12V
FSW = 600kHz, No-Load
FSW = 600kHz, Si4826DY FET, No-Load
Figure 4.
Figure 5.
Bootpin Current
PWM Frequency
vs
vs
Temperature with 5V Bootstrap
Temperature
FSW = 600kHz, Si4826DY FET, No-Load
for RFADJ = 43.2kΩ
Figure 6.
Figure 7.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2727 LM2737


Similar Part No. - LM2727MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2727MTCX/NOPB TI1-LM2727MTCX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results

Similar Description - LM2727MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com