Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2727MTC Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2727MTC
Description  LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2727MTC Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2727MTC Datasheet HTML 5Page - Texas Instruments LM2727MTC Datasheet HTML 6Page - Texas Instruments LM2727MTC Datasheet HTML 7Page - Texas Instruments LM2727MTC Datasheet HTML 8Page - Texas Instruments LM2727MTC Datasheet HTML 9Page - Texas Instruments LM2727MTC Datasheet HTML 10Page - Texas Instruments LM2727MTC Datasheet HTML 11Page - Texas Instruments LM2727MTC Datasheet HTML 12Page - Texas Instruments LM2727MTC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
BG =
0.6V
50PA
10PA
OUTPUT CLAMP
HI: 3.25V
LO: 1.25V
3.25V
1.25V
SYNCHRONOUS
DRIVER LOGIC
10Ps
DELAY
0.708V
tol.=+/-2%
0.42V
tol.=+/-2%
hyst.=12%
SHUT
DOWN
LATCH
CLOCK &
RAMP
LOGIC
S
R
off
oc
UVLO
SD
FREQ
Vcc
PGND
SGND
FB
EAO
BOOT
HG
LG
ISEN
PWGD
SS
PGND
95P$
oc
20PA
EA
HIGH
LOW
PWM
ILIM
3.05V
SS
CMP
LM2727, LM2737
www.ti.com
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
Block Diagram
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2727 LM2737


Similar Part No. - LM2727MTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2727MTC TI1-LM2727MTC Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727MTC/NOPB TI1-LM2727MTC/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727MTCX/NOPB TI1-LM2727MTCX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results

Similar Description - LM2727MTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com