Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72540V0300K062 Datasheet(PDF) 10 Page - EPCOS

Part # B72540V0300K062
Description  Ceramic transient voltage suppressors
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72540V0300K062 Datasheet(HTML) 10 Page - EPCOS

Back Button B72540V0300K062 Datasheet HTML 6Page - EPCOS B72540V0300K062 Datasheet HTML 7Page - EPCOS B72540V0300K062 Datasheet HTML 8Page - EPCOS B72540V0300K062 Datasheet HTML 9Page - EPCOS B72540V0300K062 Datasheet HTML 10Page - EPCOS B72540V0300K062 Datasheet HTML 11Page - EPCOS B72540V0300K062 Datasheet HTML 12Page - EPCOS B72540V0300K062 Datasheet HTML 13Page - EPCOS B72540V0300K062 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
Electrical specifications and ordering codes
Maximum ratings (Top,max = 125
°C, for HT types T
op,max = 150
°C)
Type
Ordering code
VRMS,max
V
VDC,max
V
Isurge,max
(8/20
µs)
A
Wmax
(2 ms)
mJ
WLD
(10
pulses)
J
Pdiss,max
mW
Standard range, CT types
CT0603K25G
B72500T0250K060 25
31
30
300 -
3
CT0805K25G
B72510T0250K062 25
31
80
300 -
5
CT1206K25G
B72520T0250K062 25
31
200
1000 -
8
CT1210K25G
B72530T0250K062 25
31
300
1700 -
10
CT0805K30G
B72510T0300K062 30
38
80
300 -
5
CT1206K30G
B72520T0300K062 30
38
200
1100 -
8
CT1210K30G
B72530T0300K062 30
38
300
2000 -
10
Characteristics (TA = 25
°C)
Type
VV
(1 mA)
V
∆V
V
%
Vjump
(5 min)
V
Vclamp,max
V
Iclamp
(8/20
µs)
A
Ctyp
(1 kHz)
pF
Cmin
(1 kHz)
pF
Cmax
(1 kHz)
pF
Standard range, CT types
CT0603K25G
39
±10
-
67
1
90
-
-
CT0805K25G
39
±10
-
67
1
250
-
-
CT1206K25G
39
±10
-
65
1
550
-
-
CT1210K25G
39
±10
-
65
2.5
1200
-
-
CT0805K30G
47
±10
-
77
1
200
-
-
CT1206K30G
47
±10
-
77
1
500
-
-
CT1210K30G
47
±10
-
77
2.5
1000
-
-
Multilayer varistors (MLVs)
Automotive series
Page 10 of 71
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72540V0300K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540V0300K062 EPCOS-B72540V0300K062 Datasheet
129Kb / 15P
   Multilayer technology
B72540V0300K062 EPCOS-B72540V0300K062 Datasheet
1Mb / 67P
   Ceramic transient voltage suppressors
B72540V0300K062 EPCOS-B72540V0300K062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72540V0300K062 EPCOS-B72540V0300K062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72540V0300K062 EPCOS-B72540V0300K062 Datasheet
137Kb / 16P
   SMD Varistors
More results

Similar Description - B72540V0300K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com