Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30D505F100CC2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 30D505F100CC2
Description  Aluminum Capacitors Little-Lytic Electrolytics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30D505F100CC2 Datasheet(HTML) 4 Page - Vishay Siliconix

  30D505F100CC2 Datasheet HTML 1Page - Vishay Siliconix 30D505F100CC2 Datasheet HTML 2Page - Vishay Siliconix 30D505F100CC2 Datasheet HTML 3Page - Vishay Siliconix 30D505F100CC2 Datasheet HTML 4Page - Vishay Siliconix 30D505F100CC2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TE
www.vishay.com
Vishay Sprague
Revision: 28-Aug-12
4
Document Number: 42042
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 WVDC
1.0
-
See 50 WVDC listing
-
2.0
-
See 50 WVDC listing
-
3.0
-
See 50 WVDC listing
-
4.0
-
See 50 WVDC listing
-
5.0
BA
TE1202
30D505G025BA2
6.0
BA
TE1203
30D605G025BA2
8.0
BA
TE1203.5
30D805G025BA2
10.0
BB
TE1204
30D106G025BB2
15.0
BB
TE1205
30D156G025BB2
20.0
CB
TE1206
30D206G025CB2
25.0
CB
TE1207
30D256G025CB2
30.0
CB
TE1207.5
30D306G025CB2
35.0
CB
TE1208
30D356G025CB2
50.0
CC
TE1209
30D506G025CC2
75.0
DC
TE1210
30D756G025DC2
100.0
DD
TE1211
30D107G025DD2
150.0
DF
TE1212
30D157G025DF2
200.0
DH
TE1213
30D207G025DH2
50 WVDC
1.0
BA
TE1300
30D105G050BA2
2.0
BA
TE1301
30D205G050BA2
3.0
BA
TE1302
30D305G050BA2
4.0
BA
TE1302.1
30D405G050BA2
5.0
BB
TE1303
30D505G050BB2
6.0
BB
TE1303.1
30D605G050BB2
8.0
BB
TE1303.3
30D805G050BB2
10.0
CB
TE1304
30D106G050CB2
15.0
CB
TE1304.2
30D156G050CB2
20.0
CC
TE1305
30D206G050CC2
25.0
CC
TE1305.5
30D256G050CC2
35.0
DC
TE1306
30D356G050DC2
50.0
DD
TE1307
30D506G050DD2
75.0
DF
TE1308
30D756G050DF2
100.0
DH
TE1309
30D107G050DH2
100 WVDC
1.0
BA
TE1400
30D105F100BA2
2.0
BB
TE1401
30D205F100BB2
3.0
CB
TE1402
30D305F100CB2
4.0
CB
TE1403
30D405F100CB2
5.0
CC
TE1404
30D505F100CC2
10.0
DC
TE1407
30D106F100DC2
15.0
DD
TE1408
30D156F100DD2
20.0
DF
TE1409
30D206F100DF2
25.0
DH
TE1410
30D256F100DH2
30.0
DH
TE1411
30D306F100DH2
150 WVDC
1.0
BA
TE1500
30D105F150BA2
2.0
BB
TE1501
30D205F150BB2
3.0
CB
TE1502
30D305F150CB2
4.0
CC
TE1503
30D405F150CC2
5.0
CC
TE1504
30D505F150CC2
8.0
DC
TE1506
30D805F150DC2
10.0
DD
TE1507
30D106F150DD2
15.0
DF
TE1508.1
30D156F150DF2
20.0
DH
TE1509
30D206F150DH2
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
CASE CODE
DISTRIBUTOR
PART NUMBER
DESCRIPTOR
PART NUMBER


Similar Part No. - 30D505F100CC2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D505F100CC2 VISHAY-30D505F100CC2 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
More results

Similar Description - 30D505F100CC2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TE1207 VISHAY-TE1207 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1305 VISHAY-TE1305 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE_12 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1160 VISHAY-TE1160 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE1211 VISHAY-TE1211 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
630D VISHAY-630D Datasheet
87Kb / 1P
   Aluminum Capacitors Electrolytics
Revision 17-Feb-03
39D408G025JS6 VISHAY-39D408G025JS6 Datasheet
105Kb / 9P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 17-Nov-06
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
logo
HK TO-GRACE TECHNOLOGY ...
VLMR71AAAC-GS08 TO-GRACE-VLMR71AAAC-GS08 Datasheet
797Kb / 7P
   Little Star 1 W Power SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com