Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT0402V150RFG Datasheet(PDF) 3 Page - EPCOS

Part # CT0402V150RFG
Description  Ceramic transient voltage suppressors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT0402V150RFG Datasheet(HTML) 3 Page - EPCOS

  CT0402V150RFG Datasheet HTML 1Page - EPCOS CT0402V150RFG Datasheet HTML 2Page - EPCOS CT0402V150RFG Datasheet HTML 3Page - EPCOS CT0402V150RFG Datasheet HTML 4Page - EPCOS CT0402V150RFG Datasheet HTML 5Page - EPCOS CT0402V150RFG Datasheet HTML 6Page - EPCOS CT0402V150RFG Datasheet HTML 7Page - EPCOS CT0402V150RFG Datasheet HTML 8Page - EPCOS CT0402V150RFG Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Features
Ultra-low capacitance ratings down to 0.6 pF
Ultra-low DC leakage current
Low insertion loss
No signal attenuation
ESD protection acc. to IEC-61000-4-2 level 4
Extremely fast response
RoHS-compatible
Suitable for lead-free soldering
Applications
ESD protection in mobile phones, handheld devices
and wireless LAN/notebook and peripherals:
RF antennas
RF modules
High-speed data lines
USB 2.0 and IEEE 1394 interfaces
Design
Multilayer technology
Lack of plastic or epoxy encapsulation for
flammability rating better than UL 94 V-0
Termination (see “Soldering directions”):
CT types with nickel barrier terminations (AgNiSn),
recommended for lead-free soldering, and
compatible with tin/lead solder.
Single chip
Internal circuit
Available case sizes:
EIA
Metric
0402
1005
0603
1608
General technical data
Maximum RMS operating voltage
VRMS,max
4 ... 14
V
Maximum DC operating voltage
VDC,max
5.5 ... 16
V
Contact discharge ESD capability
to IEC 61000-4-2
VESD,contact
8
kV
Air discharge ESD capability
to IEC 61000-4-2
VESD,air
15
kV
Maximum capacitance
(1 MHz, 1 V)
Cmax
1 ... 5
pF
Operating temperature
for case size 0402
Top
40/+85
°C
Operating temperature
for case size 0603
Top
40/+125
°C
Storage temperature
for case size 0402
LCT/UCT
40/+125
°C
Storage temperature
for case size 0603
LCT/UCT
40/+150
°C
Multilayer varistors (MLVs)
Radio frequency series
Page 3 of 28
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - CT0402V150RFG

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0402CSF CT-CT0402CSF Datasheet
243Kb / 1P
   Wire-wound Chip Inductors - Open
CT0402CSF-10NG CT-CT0402CSF-10NG Datasheet
243Kb / 1P
   Wire-wound Chip Inductors - Open
CT0402CSF-10NH CT-CT0402CSF-10NH Datasheet
243Kb / 1P
   Wire-wound Chip Inductors - Open
CT0402CSF-10NJ CT-CT0402CSF-10NJ Datasheet
243Kb / 1P
   Wire-wound Chip Inductors - Open
CT0402CSF-10NK CT-CT0402CSF-10NK Datasheet
243Kb / 1P
   Wire-wound Chip Inductors - Open
More results

Similar Description - CT0402V150RFG

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com