Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZV20D102 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERZV20D102
Description  ?쏾NR??Transient/Surge Absorbers (Type D)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV20D102 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERZV20D102 Datasheet HTML 1Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 2Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 3Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 4Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 5Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 6Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 7Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 8Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 4 –
1
2
3
4
567
89
10
Product Code
11
12
Design No.
Series
Element Size
10
05
14
20
f10 mm
f14 mm
f20 mm
f5 mm
09
f7 mm
The first two digits are significant
figures and the third one denotes
the number of zeros following.
Norminal Varistor Voltage
07
f10 mm
Lead Configuration
D
Crimped Lead
V
Straight Lead
Excluding
f20.
Only the lead cut
1
2
3
4
567
89
10
Product Code
11
12
Design No.
Series
Element Size
A
5
E
f10 mm
f14 mm
f5 mm
9
f7 mm
The first two digits are significant
figures and the third one denotes
the number of zeros following.
Nominal Varistor Voltage
7
f10 mm
Lead Configuration
D
Crimped Lead
V
Straight Lead
Taping / Packaging
A to D
E to H
Radial Taping (P0=12.7 mm)
Radial Taping (P0=15.0 mm)
“ZNR” Transient/Surge Absorbers
Type:
D
Series:
V
Explanation of Part Numbers (Bulk)
Handling Precautions and Minimum Quantity /
Packing Unit
Please see Related Information
Recommended Applications
● Transistor, diode, IC, thyristor or triac semiconductor
protection
● Surge protection in consumer electronic equipment
● Surge protection in communication, measuring or
controller electronics
● Surge protection in electronic home appliances, gas or
petroleum appliances
Applicable Standards
● UL1449 Ed.3, (1) UL1414
● VDE IEC61051-1, -2, -2-2, IEC60950-1 Ed.2 Annex.Q
1) CSA C22.2 No.1
● “Type Designation(UL)”, “Part Number(CSA)”, “Style
Reference (VDE)”
Are not registered by product Part No..
(Refer to page 5 to 8, and 27, for the details)
1) When applying this standard to safety standards,
please contact us.
Explanation of Part Numbers (Taping)
Features
● Large withstanding surge current capability in compact
sizes
● Large “Energy Handling Capability” absorbing transient
overvoltages in compact sizes
● Wide range of varistor voltages
● The standard products shown below have received
UL, CSA and VDE standards
Varistor voltage 82 to 150V : UL, VDE
Varistor voltage 200V over : UL, VDE, CSA
(cf. Application Notes for UL/VDE, CSA recognized
parts on page 27)
● RoHS compliant
Aug. 2012
01


Similar Part No. - ERZV20D102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV20D102 PANASONIC-ERZV20D102 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV20D102 PANASONIC-ERZV20D102 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV20D102 PANASONIC-ERZV20D102 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV20D102 PANASONIC-ERZV20D102 Datasheet
421Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV20D102 PANASONIC-ERZV20D102 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
More results

Similar Description - ERZV20D102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-E14A471 PANASONIC-ERZ-E14A471 Datasheet
342Kb / 18P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA5V221 PANASONIC-ERZ-VA5V221 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VGAD471 PANASONIC-ERZ-VGAD471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R241 PANASONIC-ERZ-V20R241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com