Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA155EA2K5G4 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA155EA2K5G4
Description  Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA155EA2K5G4 Datasheet(HTML) 5 Page - Texas Instruments

  INA155EA2K5G4 Datasheet HTML 1Page - Texas Instruments INA155EA2K5G4 Datasheet HTML 2Page - Texas Instruments INA155EA2K5G4 Datasheet HTML 3Page - Texas Instruments INA155EA2K5G4 Datasheet HTML 4Page - Texas Instruments INA155EA2K5G4 Datasheet HTML 5Page - Texas Instruments INA155EA2K5G4 Datasheet HTML 6Page - Texas Instruments INA155EA2K5G4 Datasheet HTML 7Page - Texas Instruments INA155EA2K5G4 Datasheet HTML 8Page - Texas Instruments INA155EA2K5G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
®
INA155
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = 5.5V, RL = 10kΩ connected to VS/2. RG pins open (G = 10), and Ref = VS/2, unless otherwise noted.
GAIN vs FREQUENCY
Frequency (Hz)
1
100
10
1k
10k
1M
10M
40
35
30
25
20
15
10
5
0
100k
G = 50
G =10
COMMON-MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
0.1
1
10
10k
100k
120
100
80
60
40
20
0
100
1k
G = 10
G = 50
POWER SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
1
10
10k
100k
1M
100
90
80
70
60
50
40
30
20
10
0
100
1k
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
1
10
10k
100k
1M
6
5
4
3
2
1
0
100
1k
V
S = 5.5V
SHORT-CIRCUIT CURRENT AND QUIESCENT CURRENT
vs POWER SUPPLY
Supply Voltage (V)
2.5
3
4.0
3.5
55
50
45
40
35
30
25
1.8
1.75
1.7
1.65
1.6
1.55
1.5
4.5
5.5
6
5
I
Q
+I
SC
–I
SC
QUIESCENT CURRENT AND SHORT-CIRCUIT CURRENT
vs TEMPERATURE
Temperature (
°C)
75
–50
0
–25
2.5
2.0
1.5
1.0
0.5
0
100
80
60
40
20
0
25
100
125
150
50
75
I
Q
+I
SC
–I
SC


Similar Part No. - INA155EA2K5G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA155EA BURR-BROWN-INA155EA Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155EA/250 TI1-INA155EA/250 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155EA/250G4 TI1-INA155EA/250G4 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155EA/2K5 TI1-INA155EA/2K5 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155EA/2K5G4 TI1-INA155EA/2K5G4 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA155EA2K5G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com