Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA02P4L150THSG Datasheet(PDF) 9 Page - EPCOS

Part # CA02P4L150THSG
Description  Ceramic transient voltage suppressors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CA02P4L150THSG Datasheet(HTML) 9 Page - EPCOS

Back Button CA02P4L150THSG Datasheet HTML 5Page - EPCOS CA02P4L150THSG Datasheet HTML 6Page - EPCOS CA02P4L150THSG Datasheet HTML 7Page - EPCOS CA02P4L150THSG Datasheet HTML 8Page - EPCOS CA02P4L150THSG Datasheet HTML 9Page - EPCOS CA02P4L150THSG Datasheet HTML 10Page - EPCOS CA02P4L150THSG Datasheet HTML 11Page - EPCOS CA02P4L150THSG Datasheet HTML 12Page - EPCOS CA02P4L150THSG Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Part orientation in tape pocket for blister tape
For discrete chip, case sizes 0603, 0805,
1206, 1210, 1812 and 2220
For array, case sizes 0612
For arrays 0506 and 1012
For filter array, case size 0508
Additional taping information
Reel material
Polystyrol (PS)
Tape material
Polystyrol (PS) or Polycarbonat (PC) or PVC
Tape break force
min. 10 N
Top cover tape strength
min. 10 N
Top cover tape peel force
0.2 to 0.6 N for 8-mm tape and 0.2 to 0.8 N for
12-mm tape at a peel speed of 300 mm/min
Tape peel angle
Angle between top cover tape and the direction of feed
during peel off: 165
° to 180°
Cavity play
Each part rests in the cavity so that the angle between
the part and cavity center line is no more than 20
°
Multilayer varistors (MLVs)
High-speed series
Page 9 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - CA02P4L150THSG

ManufacturerPart #DatasheetDescription
logo
Powerbox
CA02P POWERBOX-CA02P Datasheet
405Kb / 1P
   1 WATT SINGLE OUTPUT DC / DC INDUSTRIAL
More results

Similar Description - CA02P4L150THSG

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com