Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX25I Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TX25I
Description  High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX25I Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TX25I Datasheet HTML 2Page - List of Unclassifed Manufacturers TX25I Datasheet HTML 3Page - List of Unclassifed Manufacturers TX25I Datasheet HTML 4Page - List of Unclassifed Manufacturers TX25I Datasheet HTML 5Page - List of Unclassifed Manufacturers TX25I Datasheet HTML 6Page - List of Unclassifed Manufacturers TX25I Datasheet HTML 7Page - List of Unclassifed Manufacturers TX25I Datasheet HTML 8Page - List of Unclassifed Manufacturers TX25I Datasheet HTML 9Page - List of Unclassifed Manufacturers TX25I Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TX25
PIN
Type
Function
i.MX25 Pad Name
Alternate functions
GPIO
Description (refer to I.MX25 manuals for details)
168
3V3
D[7]
D[7]
169
3V3
A [0]
A [0]
170
3V3
A [1]
A [1]
171
GND
GND
172 NVDD_DR
YICE
TAMPER_A
TAMPER_A
DRYICE external tamper detect pins, active high. If either
TAMPER_A or TAMPER_B asserted, then external tampering is
detected. Should be tied to pull-down if no tamper detection is
required on board.
173 NVDD_DR
YICE
TAMPER_B
TAMPER_B
174 NVDD_DR
YICE
MESH_C
MESH_C
Wire-mesh tamper detect pins which can be routed at the PCB
board to detect attempted tampering of a protected wire. MESH_C
is active high and should be connected to an on-board pull-down if
no tamper detection is required. MESH_D is active low and should
be connected to an on-board pull-up if no tamper detection is
required.
175 NVDD_DR
YICE
MESH_D
MESH_D
176
3V3
A [2]
A [2]
177
3V3
A [3]
A [3]
178
3V3
A [4]
A [4]
179
3V3
A [5]
A [5]
180
3V3
A [6]
A [6]
181
3V3
A [7]
A [7]
182
3V3
A [8]
A [8]
183
GND
GND
184
analog REF
REF
Touchscreen ADC External reference voltage (2.5 V). REF may be
left floating if the internally generated 2.5 V supply
is enabled. Use of an external reference is recommended.
185
analog XN
XN
Touscreen ADC input channels
186
analog XP
XP
187
analog YN
YN
188
analog YP
YP
189
analog WIPER
WIPER
190
analog INAUX0
INAUX0
General purpose measurements channels
191
analog INAUX1
INAUX1
192
analog INAUX2
INAUX2
193
power NVCC_DRYICE
NVCC_DRYICE
DRYICE power supply output. Source can be SoC supply or backup
supply. This pin can be used to power external tamper detect
components.
194
3V3
A [9]
A [9]
195
3V3
A [11]
A [11]
196
3V3
A [12]
A [12]
197
NC
not connected
198
NC
not connected
199
NC
not connected
200
GND
GND
GND
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de


Similar Part No. - TX25I

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX25-15-10 FERROXCUBE-TX25-15-10 Datasheet
43Kb / 3P
   Ferrite toroids
logo
Japan Aviation Electron...
TX25-60P-6ST-H1E JAE-TX25-60P-6ST-H1E Datasheet
1,006Kb / 5P
   TX24/25 SERIES CONNECTORS
logo
Ferroxcube Internationa...
TX25/15/10 FERROXCUBE-TX25/15/10 Datasheet
43Kb / 3P
   Ferrite toroids
TX25/15/10-3E5 FERROXCUBE-TX25/15/10-3E5 Datasheet
43Kb / 3P
   Ferrite toroids
TX25/15/10-3E6 FERROXCUBE-TX25/15/10-3E6 Datasheet
43Kb / 3P
   Ferrite toroids
More results

Similar Description - TX25I

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB370 ATMEL-AT43USB370 Datasheet
572Kb / 50P
   USB 2.0 Full-Speed Host/Function Processor
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Maxim Integrated Produc...
MAX4906 MAXIM-MAX4906 Datasheet
221Kb / 14P
   High-/Full-Speed USB 2.0 Switches
Rev 2; 1/07
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
   USB 2.0 full-speed compliant
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
C-Media Electronics
CM6571 CMEDIA-CM6571 Datasheet
1Mb / 63P
   USB 2.0 full speed-compliant
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
   USB 2.0 High/Full Speed Multiplexer
logo
C-Media Electronics
CM6533DH CMEDIA-CM6533DH Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6533 CMEDIA-CM6533 Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com