Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV018ATM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV018ATM
Description  DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV018ATM Datasheet(HTML) 2 Page - Texas Instruments

  DS90LV018ATM Datasheet HTML 1Page - Texas Instruments DS90LV018ATM Datasheet HTML 2Page - Texas Instruments DS90LV018ATM Datasheet HTML 3Page - Texas Instruments DS90LV018ATM Datasheet HTML 4Page - Texas Instruments DS90LV018ATM Datasheet HTML 5Page - Texas Instruments DS90LV018ATM Datasheet HTML 6Page - Texas Instruments DS90LV018ATM Datasheet HTML 7Page - Texas Instruments DS90LV018ATM Datasheet HTML 8Page - Texas Instruments DS90LV018ATM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS90LV018A
SNLS014D – JUNE 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)
−0.3V to +4V
Input Voltage (RIN+, RIN−)
−0.3V to +3.9V
Output Voltage (ROUT)
−0.3V to (VCC + 0.3V)
Maximum Package Power Dissipation @ +25°C
D Package
1025 mW
Derate D Package
8.2 mW/°C above +25°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range Soldering
(4 sec.)
+260°C
Maximum Junction Temperature
+150°C
ESD Rating
(HBM 1.5 k
Ω, 100 pF)
≥ 7 kV
(EIAJ 0
Ω, 200 pF)
≥ 500 V
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be specified. They are not meant to imply
that the devices should be operated at these limits. Electrical Characteristics specifies conditions of device operation.
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
+3.0
+3.3
+3.6
V
Receiver Input Voltage
GND
3.0
V
Operating Free Air
Temperature (TA)
−40
25
+85
°C
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS90LV018A


Similar Part No. - DS90LV018ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV018ATM NSC-DS90LV018ATM Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018ATM NSC-DS90LV018ATM Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATM TI1-DS90LV018ATM Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
DS90LV018ATM/NOPB TI1-DS90LV018ATM/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
DS90LV018ATMX TI1-DS90LV018ATMX Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
More results

Similar Description - DS90LV018ATM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com