Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14C335MSA Datasheet(PDF) 4 Page - Texas Instruments

Part # DS14C335MSA
Description  DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS14C335MSA Datasheet(HTML) 4 Page - Texas Instruments

  DS14C335MSA Datasheet HTML 1Page - Texas Instruments DS14C335MSA Datasheet HTML 2Page - Texas Instruments DS14C335MSA Datasheet HTML 3Page - Texas Instruments DS14C335MSA Datasheet HTML 4Page - Texas Instruments DS14C335MSA Datasheet HTML 5Page - Texas Instruments DS14C335MSA Datasheet HTML 6Page - Texas Instruments DS14C335MSA Datasheet HTML 7Page - Texas Instruments DS14C335MSA Datasheet HTML 8Page - Texas Instruments DS14C335MSA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS14C335
SNLS090C – MARCH 2000 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1)(2) (continued)
Over recommended operating conditions, SD = 0.8V, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RO
Output Resistance
−2V ≤ VO ≤ +2V, VCC = GND = 0V
300
Ω
RECEIVER CHARACTERISTICS(5)(6)
VTH
Input High Threshold Voltage
R1–R5, SD = 0.8V
1.4
2.4
V
R5, 2.0V
≤ SD ≤ 5.5V
2.0
2.8
V
VTL
Input Low Threshold Voltage
R1–R5, SD = 0.8V
0.4
1.1
V
R5, 2.0V
≤ SD ≤ 5.5V
0.1
0.5
V
VHY
Hysteresis
50
300
mV
RIN
Input Resistance
VIN = ±3V to ±15V
3.0
3.8
7.0
k
Ω
IIN
Input Current
VIN = +15V
2.14
5.0
mA
VIN = +3V
0.43
1.0
mA
VIN = −3V
−1.0
−0.43
mA
VIN = −15V
−5.0
−2.14
mA
VOH
High Level Output Voltage
VIN = −3V, IOH = −1 mA
2.4
3.1
V
VIN = −3V, IOH = −100 μA
2.8
3.28
V
VOL
Low Level Output Voltage
VIN = +3V, IOL = +2 mA
0.23
0.4
V
(5)
Receiver characteristics are specified for SD = 0.8V. When SD = 2.0V, receiver five (R5) is active and meets receiver parameters in
SHUTDOWN (SD) mode, unless otherwise specified.
(6)
Generator characteristics for receiver input: f = 64 kHz (128 kbits/sec), tr = tf = 200 ns, VIH = 3V, VIL = −3V, duty cycle = 50%.
Switching Characteristics
(1)
Over recommended operating conditions, SD = 0.8V, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER CHARACTERISTICS
tPLH
Propagation Delay LOW to HIGH
RL = 3 kΩ
0.1
0.6
1.0
μs
CL = 50 pF
tPHL
Propagation Delay HIGH to LOW
0.1
0.6
1.0
μs
(Figure 2, Figure 3)
tSK
Skew |tPLH–tPHL|
0
0.2
μs
SR1
Output Slew Rate
RL = 3 kΩ to 7 kΩ, CL = 50 pF (Figure 3)
4
13
30
V/
μs
SR2
Output Slew Rate
RL = 3 kΩ, CL = 2500 pF (Figure 3)
4
10
30
V/
μs
tPLS
Propagation Delay LOW to SD
(Figure 6, Figure 7)
0.48
ms
RL = 3 kΩ
tPSL
Propagation Delay SD to LOW
1.88
ms
CL = 50 pF
tPHS
Propagation Delay HIGH to SD
0.62
ms
tPSH
Propagation Delay SD to HIGH
1.03
ms
RECEIVER CHARACTERISTICS
tPLH
Propagation Delay LOW to HIGH
CL = 50 pF
0.1
0.4
1.0
μs
(Figure 4, Figure 4)
tPHL
Propagation Delay HIGH to LOW
0.1
0.6
1.0
μs
tSK
Skew |tPLH–tPHL|
0.2
0.8
μs
tPLS
Propagation Delay LOW to SD
(Figure 8, Figure 9)
0.13
μs
RL = 1 kΩ
tPSL
Propagation Delay SD to LOW
1.0
μs
CL = 50 pF
tPHS
Propagation Delay HIGH to SD
0.19
μs
R1–R4 Only
tPSH
Propagation Delay SD to HIGH
0.58
μs
(1)
Typical values are given for VCC = 3.3V and TA = +25°C.Ó
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: DS14C335


Similar Part No. - DS14C335MSA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C335MSA NSC-DS14C335MSA Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335MSA TI1-DS14C335MSA Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335MSA/NOPB TI1-DS14C335MSA/NOPB Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335MSAX/NOPB TI1-DS14C335MSAX/NOPB Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
More results

Similar Description - DS14C335MSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
   3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
logo
National Semiconductor ...
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
   Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com