Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV11873 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV11873
Description  12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV11873 Datasheet(HTML) 4 Page - Texas Instruments

  DRV11873 Datasheet HTML 1Page - Texas Instruments DRV11873 Datasheet HTML 2Page - Texas Instruments DRV11873 Datasheet HTML 3Page - Texas Instruments DRV11873 Datasheet HTML 4Page - Texas Instruments DRV11873 Datasheet HTML 5Page - Texas Instruments DRV11873 Datasheet HTML 6Page - Texas Instruments DRV11873 Datasheet HTML 7Page - Texas Instruments DRV11873 Datasheet HTML 8Page - Texas Instruments DRV11873 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DRV11873
SLWS237 – NOVEMBER 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VCC
-0.3
20
CS
-0.3
3.6
Input voltage range
PWMIN, FS, FR
-0.3
6
V
GND
-0.3
0.3
COM
-1
20
U, V, W
-1
20
FG, RD
-0.3
20
VCP
-0.3
25
Output voltage range
V
CPN
-0.3
20
CPP
-0.3
25
V5
-0.3
6
Human body model, HBM
4
kV
Electrostatic discharge (ESD)
Charge device model, CBM
1
Machine model, MM
200
V
TJ
Operating junction temperature
-40
125
°C
Tstg Storage temperature
-55
150
°C
THERMAL INFORMATION
DRV11873
THERMAL METRIC(1)
PWP
UNITS
16 PINS
θJA
Junction-to-ambient thermal resistance(2)
39.4
θJCtop
Junction-to-case (top) thermal resistance(3)
30.3
θJB
Junction-to-board thermal resistance(4)
25.6
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.5
ψJB
Junction-to-board characterization parameter(6)
10.2
θJCbot
Junction-to-case (bottom) thermal resistance(7)
3.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - DRV11873

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV11873 TI-DRV11873 Datasheet
863Kb / 16P
[Old version datasheet]   12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV11873PWP TI-DRV11873PWP Datasheet
863Kb / 16P
[Old version datasheet]   12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV11873PWPR TI1-DRV11873PWPR Datasheet
1Mb / 24P
[Old version datasheet]   12-V, 3-Phase, Sensorless BLDC Motor Driver
DRV11873 TI1-DRV11873_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-V, 3-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV11873

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV11873 TI1-DRV11873_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-V, 3-Phase, Sensorless BLDC Motor Driver
DRV11873 TI-DRV11873 Datasheet
863Kb / 16P
[Old version datasheet]   12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com