Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX6QLVDS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TX6QLVDS
Description  Two High Speed USB 2.0 ports, Full HD LCD controller, 24bpp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX6QLVDS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TX6QLVDS Datasheet HTML 5Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 6Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 7Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 8Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 9Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 10Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 11Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 12Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TX6Q
PIN
Type
Function
i.MX6 Dual Pad Name
Alternate functions
GPIO
Description (refer to i.MX6 Dual manuals for details)
77
3V3
KP_ROW[0]
GPIO_2
ESAI1_FST
OBSRV_INT_OUT2
KPP_ROW[6]
CCM_CCM_OUT_1
CSU_ALARM_AUT[0
USDHC2_WP
MLB_MLBDAT
GPIO1[2]
78
3V3
KP_ROW[1]
GPIO_5
ESAI1_TX2_RX3
OBSRV_INT_OUT4
KPP_ROW[7]
CCM_CLKO
CSU_ALARM_AUT[2]
I2C3_SCL
MPCORE_EVENTI
GPIO1[5]
79
3V3
KP_ROW[2]
KEY_ROW2
ECSPI1_SS2
ENET_TDATA[2]
CAN1_RXCAN
KPP_ROW[2]
USDHC2_VSELECT
HDMI_TX_CEC_LINE
MX6Q_PER1_HADDR[4]
GPIO4[11]
80
3V3
KP_ROW[3]
KEY_ROW3
OSC32K_32K_OUT
ASRC_ASRC_EXT_CLK
HDMI_TX_DDC_SDA
KPP_ROW[3]
I2C2_SDA
USDHC1_VSELECT
MX6Q_PER1_HADDR[6]
GPIO4[13]
81
3V3
RXCAN
KEY_ROW4
CAN2_RXCAN
IPU1_SISG[5]
USBOH3_USBOTG_PWR
KPP_ROW[4]
UART5_CTS
MMDC_DEBUG[50]
MX6Q_PER1_HADDR[8]
GPIO4[15]
82
GND
GND
SSI 1 - Serial Audio Port 1
83
3V3
SSI1_INT
EIM_D26
WEIM_D[26]
IPU1_DI1_PIN11
IPU1_CSI0_D[1]
IPU2_CSI1_D[14]
UART2_TXD_MUX
IPU1_SISG[2]
IPU1_DISP1_DAT[22]
GPIO3[26] GPIO
84
3V3
SSI1_RXD
KEY_ROW1
ECSPI1_SS0
ENET_COL
AUDMUX_AUD5_RXD
KPP_ROW[1]
UART5_RXD_MUX
USDHC2_VSELECT
MX6Q_PER1_HADDR[2]
GPIO4[9]
Serial Audio Interface serial data line 1
85
3V3
SSI1_TXD
KEY_ROW0
ECSPI1_MOSI
ENET_TDATA[3]
AUDMUX_AUD5_TXD
KPP_ROW[0]
UART4_RXD_MUX
DCIC2_DCIC_OUT
MX6Q_PER1_HADDR[0]
GPIO4[7]
Serial Audio Interface serial data line 0
86
3V3
SSI1_CLK
KEY_COL0
ECSPI1_SCLK
ENET_RDATA[3]
AUDMUX_AUD5_TXC
KPP_COL[0]
UART4_TXD_MUX
DCIC1_DCIC_OUT
SRC_ANY_PU_RST
GPIO4[6]
Serial Audio Interface serial bit clock
87
3V3
SSI1_FS
KEY_COL1
ECSPI1_MISO
ENET_MDIO
AUDMUX_AUD5_TXFS
KPP_COL[1]
UART5_TXD_MUX
USDHC1_VSELECT
MX6Q_PER1_HADDR[1]
GPIO4[8]
Serial Audio Interface left/right clock
88
GND
GND
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de


Similar Part No. - TX6QLVDS

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX6-104H QUARTZCOM-TX6-104H Datasheet
97Kb / 1P
   Through hole TCXO HCMOS High reliable hermetic sealed package
TX6-464H-ST3 QUARTZCOM-TX6-464H-ST3 Datasheet
92Kb / 1P
   High precision analogue compensated STRATUM III through hole TCXO
logo
Ferroxcube Internationa...
TX6.4-2.8-2.8 FERROXCUBE-TX6.4-2.8-2.8 Datasheet
44Kb / 3P
   Alloy powder toroids
TX6.4/2.8-H2-A10 FERROXCUBE-TX6.4/2.8-H2-A10 Datasheet
44Kb / 3P
   Alloy powder toroids
TX6.4/2.8-H2-A24 FERROXCUBE-TX6.4/2.8-H2-A24 Datasheet
44Kb / 3P
   Alloy powder toroids
More results

Similar Description - TX6QLVDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX48 ETC2-TX48 Datasheet
603Kb / 14P
   Two High-Speed USB 2.0 ports, True colour LCD controller
TX53 ETC2-TX53 Datasheet
1Mb / 14P
   Two High Speed USB 2.0 ports, Two Camera Interfaces
TX28 ETC2-TX28 Datasheet
948Kb / 9P
   Two 10/100Mbps Ethernet ports with IEEE1588 support, Two High-Speed USB 2.0 ports
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Maxim Integrated Produc...
MAX4906 MAXIM-MAX4906 Datasheet
221Kb / 14P
   High-/Full-Speed USB 2.0 Switches
Rev 2; 1/07
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
   USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TE7022SL ETC2-TE7022SL Datasheet
313Kb / 5P
   USB 2.0 Full-Speed Hi-Q USB Audio Streaming Controller
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com