Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX6Q Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TX6Q
Description  Two High Speed USB 2.0 ports, Full HD LCD controller, 24bpp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX6Q Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TX6Q Datasheet HTML 6Page - List of Unclassifed Manufacturers TX6Q Datasheet HTML 7Page - List of Unclassifed Manufacturers TX6Q Datasheet HTML 8Page - List of Unclassifed Manufacturers TX6Q Datasheet HTML 9Page - List of Unclassifed Manufacturers TX6Q Datasheet HTML 10Page - List of Unclassifed Manufacturers TX6Q Datasheet HTML 11Page - List of Unclassifed Manufacturers TX6Q Datasheet HTML 12Page - List of Unclassifed Manufacturers TX6Q Datasheet HTML 13Page - List of Unclassifed Manufacturers TX6Q Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TX6Q
PIN
Type
Function
i.MX6 Dual Pad Name
Alternate functions
GPIO
Description (refer to i.MX6 Dual manuals for details)
SSI 2 - Serial Audio Port 2
89
3V3
SSI2_INT
EIM_D27
WEIM_D[27]
IPU1_DI1_PIN13
IPU1_CSI0_D[0]
IPU2_CSI1_D[13]
UART2_RXD_MUX
IPU1_SISG[3]
IPU1_DISP1_DAT[23]
GPIO3[27] GPIO
90
3V3
SSI2_RXD
CSI0_DAT7
IPU1_CSI0_D[7]
WEIM_D[5]
ECSPI1_SS0
KPP_ROW[6]
AUDMUX_AUD3_RXD
MMDC_DEBUG[46]
MPCORE_TRACE[4]
GPIO5[25] Serial Audio Interface serial data line 1
91
3V3
SSI2_TXD
CSI0_DAT5
IPU1_CSI0_D[5]
WEIM_D[3]
ECSPI1_MOSI
KPP_ROW[5]
AUDMUX_AUD3_TXD
MMDC_DEBUG[44]
MPCORE_TRACE[2]
GPIO5[23] Serial Audio Interface serial data line 0
92
3V3
SSI2_CLK
CSI0_DAT4
IPU1_CSI0_D[4]
WEIM_D[2]
ECSPI1_SCLK
KPP_COL[5]
AUDMUX_AUD3_TXC
MMDC_DEBUG[43]
MPCORE_TRACE[1]
GPIO5[22] Serial Audio Interface serial bit clock
93
3V3
SSI2_FS
CSI0_DAT6
IPU1_CSI0_D[6]
WEIM_D[4]
ECSPI1_MISO
KPP_COL[6]
AUDMUX_AUD3_TXFS
MMDC_DEBUG[45]
MPCORE_TRACE[3]
GPIO5[24] Serial Audio Interface left/right clock
94
GND
GND
Secure Digital Interface 2
95
3V3
SD2_CD
SD3_CLK
USDHC3_CLK
UART2_RTS
CAN1_RXCAN
USBOH3_UH3_
DFD_OUT[5]
USBOH3_UH2_
DFD_OUT[5]
MIPI_CORE_DPHY_
TEST_IN[17]
GPIO7[3]
SD Card Detect – connected to a GPIO
96
3V3
SD2_D[0]
SD2_DAT0
USDHC2_DAT0
ECSPI5_MISO
AUDMUX_AUD4_RXD
KPP_ROW[7]
DCIC2_DCIC_OUT
GPIO1[15]
SD Data bidirectional signals—If the system designer does not
want to make use of the internal pull-up, via the Pull-up enable
register, a 50 K–69 K external pull up resistor must be added.
97
3V3
SD2_D[1]
SD2_DAT1
USDHC2_DAT1
ECSPI5_SS0
WEIM_CS[2]
AUDMUX_AUD4_TXFS
KPP_COL[7]
CCM_WAIT
GPIO1[14]
98
3V3
SD2_D[2]
SD2_DAT2
USDHC2_DAT2
ECSPI5_SS1
WEIM_CS[3]
AUDMUX_AUD4_TXD
KPP_ROW[6]
CCM_STOP
GPIO1[13]
99
3V3
SD2_D[3]
SD2_DAT3
USDHC2_DAT3
ECSPI5_SS3
KPP_COL[6]
AUDMUX_AUD4_TXC
PCIE_CTRL_DIAG_
STATUS_BUS_MUX[11]
SJC_DONE
GPIO1[12]
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de


Similar Part No. - TX6Q

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX6-104H QUARTZCOM-TX6-104H Datasheet
97Kb / 1P
   Through hole TCXO HCMOS High reliable hermetic sealed package
TX6-464H-ST3 QUARTZCOM-TX6-464H-ST3 Datasheet
92Kb / 1P
   High precision analogue compensated STRATUM III through hole TCXO
logo
Ferroxcube Internationa...
TX6.4-2.8-2.8 FERROXCUBE-TX6.4-2.8-2.8 Datasheet
44Kb / 3P
   Alloy powder toroids
TX6.4/2.8-H2-A10 FERROXCUBE-TX6.4/2.8-H2-A10 Datasheet
44Kb / 3P
   Alloy powder toroids
TX6.4/2.8-H2-A24 FERROXCUBE-TX6.4/2.8-H2-A24 Datasheet
44Kb / 3P
   Alloy powder toroids
More results

Similar Description - TX6Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX48 ETC2-TX48 Datasheet
603Kb / 14P
   Two High-Speed USB 2.0 ports, True colour LCD controller
TX53 ETC2-TX53 Datasheet
1Mb / 14P
   Two High Speed USB 2.0 ports, Two Camera Interfaces
TX28 ETC2-TX28 Datasheet
948Kb / 9P
   Two 10/100Mbps Ethernet ports with IEEE1588 support, Two High-Speed USB 2.0 ports
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Maxim Integrated Produc...
MAX4906 MAXIM-MAX4906 Datasheet
221Kb / 14P
   High-/Full-Speed USB 2.0 Switches
Rev 2; 1/07
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
   USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TE7022SL ETC2-TE7022SL Datasheet
313Kb / 5P
   USB 2.0 Full-Speed Hi-Q USB Audio Streaming Controller
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com