Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKLP-X25-W12-C Datasheet(PDF) 10 Page - Murata Power Solutions Inc.

Part # OKLP-X25-W12-C
Description  25A Power Block Non-Isolated DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKLP-X25-W12-C Datasheet(HTML) 10 Page - Murata Power Solutions Inc.

Back Button OKLP-X25-W12-C Datasheet HTML 6Page - Murata Power Solutions Inc. OKLP-X25-W12-C Datasheet HTML 7Page - Murata Power Solutions Inc. OKLP-X25-W12-C Datasheet HTML 8Page - Murata Power Solutions Inc. OKLP-X25-W12-C Datasheet HTML 9Page - Murata Power Solutions Inc. OKLP-X25-W12-C Datasheet HTML 10Page - Murata Power Solutions Inc. OKLP-X25-W12-C Datasheet HTML 11Page - Murata Power Solutions Inc. OKLP-X25-W12-C Datasheet HTML 12Page - Murata Power Solutions Inc. OKLP-X25-W12-C Datasheet HTML 13Page - Murata Power Solutions Inc. OKLP-X25-W12-C Datasheet HTML 14Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
OKLP-X/25-W12-C
25A Power Block Non-Isolated DC-DC Converter
OKLP-X/25-W12-C.A01.D22 Page 10 of 20
www.murata-ps.com/support
Table 7.2. Reliability
Parameter
Notes
Min
Nom
Max
Units
Calculated MTBF
1
7.683
-
MHrs
Service Life
2-7-
Years
1. Calculated according to Bellcore or Telcordia TR-NTW-000332 at 40C full-load.
2. Calculated at 30 °C.
7.3. Parallel Operation
2 or more units will be operated in parallel. Current sharing function will be performed by the external PWM controller.
7.4. Use of Ceramic Capacitors
Unit does not use any SMT ceramic capacitors larger than 1210.
7.5. SMT Reflow Soldering Guidelines
The surface-mount reflow solder profile shown below is
suitable for SAC305 type lead-free solders. This graph should
be used only as a guideline. Many other factors influence
the success of SMT reflow soldering. Since your produc-
tion environment may differ, please thoroughly review these
guidelines with your process engineers.


Similar Part No. - OKLP-X25-W12-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKL MURATA-PS-OKL Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL-T MURATA-PS-OKL-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-3-W5 MURATA-OKL-T-3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T-6-W12 MURATA-PS-OKL-T-6-W12 Datasheet
1Mb / 17P
   Programmable Output 6-Amp iLGA SMT PoLs
2023
logo
Murata Manufacturing Co...
OKL-T-6-W5 MURATA-OKL-T-6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
More results

Similar Description - OKLP-X25-W12-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com