Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSB363 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QSB363
Description  SUBMINIATURE PLASTIC SILICON INFRARED PHOTOTRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSB363 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QSB363 Datasheet HTML 1Page - Fairchild Semiconductor QSB363 Datasheet HTML 2Page - Fairchild Semiconductor QSB363 Datasheet HTML 3Page - Fairchild Semiconductor QSB363 Datasheet HTML 4Page - Fairchild Semiconductor QSB363 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Peak Sensitivity Wavelength
PS
880
nm
Reception Angle
±12
Deg.
Dark Current
VCE = 10 V, Ee = 0
ID
100
nA
Collector-Emitter Breakdown
IC = 1 mA
BVCEO
30
V
Emitter-Collector Breakdown
IE = 100 µA
BVECO
4—
V
On-State Collector Current
Ee = 0.5 mW/cm2
IC(on)
0.7
mA
VCE = 5 V(5)
Saturation Voltage
Ee = 0.5 mW/cm2
VCE (SAT)
0.4
V
IC = 0.1 mA(5)
Rise Time
VCC = 5 V, RL = 100
tr
—5
µs
Fall Time
IC = 0.2 mA
tf
—5
µs
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
NOTES
1. Derate power dissipation linearly 1.33 mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or isopropyl alcohols are recommended as cleaning agents.
4. Pulse conditions: tp = 100
µs, T = 10 ms.
5.
= 940 nm, GaAs.
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +85
°C
Soldering Temperature (Iron)(2,3,4)
TSOL-I
240 for 5 sec
°C
Soldering Temperature (Flow)(2,3)
TSOL-F
260 for 10 sec
°C
Collector Emitter Voltage
VCE
30
V
Emitter Collector Voltage
VEC
5V
Power Dissipation(1)
PD
100
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
SUBMINIATURE PLASTIC SILICON
INFRARED PHOTOTRANSISTOR
QSB363
www.fairchildsemi.com
2 OF 5
8/2/01
DS300357


Similar Part No. - QSB363

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSB363 FAIRCHILD-QSB363 Datasheet
88Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
QSB363C FAIRCHILD-QSB363C Datasheet
106Kb / 5P
   SUBMINIATURE PLASTIC SILICON PHOTOTRANSISTOR
QSB363C FAIRCHILD-QSB363C Datasheet
475Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
QSB363C FAIRCHILD-QSB363C_05 Datasheet
475Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
QSB363 FAIRCHILD-QSB363_05 Datasheet
88Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
More results

Similar Description - QSB363

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSB363C FAIRCHILD-QSB363C_05 Datasheet
475Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
QSB363 FAIRCHILD-QSB363_05 Datasheet
88Kb / 5P
   Subminiature Plastic Silicon Infrared Phototransistor
QSB363C FAIRCHILD-QSB363C Datasheet
106Kb / 5P
   SUBMINIATURE PLASTIC SILICON PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112 Datasheet
105Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE122 FAIRCHILD-QSE122 Datasheet
327Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE133 FAIRCHILD-QSE133 Datasheet
323Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE113 FAIRCHILD-QSE113 Datasheet
320Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_06 Datasheet
510Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213C FAIRCHILD-QSE213C Datasheet
437Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD122 FAIRCHILD-QSD122 Datasheet
93Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com