Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSB320F Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QSB320F
Description  SURFACE MOUNT SILICON INFRARED PHOTOTRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSB320F Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QSB320F Datasheet HTML 1Page - Fairchild Semiconductor QSB320F Datasheet HTML 2Page - Fairchild Semiconductor QSB320F Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Peak Sensitivity Wavelength
PS
880
nm
Wavelength Sensitivity Range
SR
700
1000
nm
Reception Angle
120
Deg.
Collector Emitter Dark Current
VCE = 25 V, Ee = 0
ID
200
nA
Collector Emitter Breakdown
IC = 1 mA
BVCEO
30
V
Emitter Collector Breakdown
IE = 100 µA
BVECO
5—
V
On-State Collector Current
Ee = 0.1 mW/cm2(4), VCE = 5 V
IC (ON)
16
µA
Saturation Voltage
Ee = 0.5 mW/cm2(4), IC = 0.05 mA
VCE (SAT)
0.3
V
Rise Time
VCC = 5 V, RL = 100
tr
—8
µs
Fall Time
IC = 1 mA
tf
—8
µs
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
NOTES
1. Derate power dissipation linearly
2.2 mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or isopropyl alcohols
are recommended as cleaning
agents.
4.
= 940 nm.
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-55 to +100
°C
Storage Temperature
TSTG
-55 to +100
°C
Soldering Temperature (Flow)(2,3)
TSOL-F
260 for 10 sec
°C
Collector Emitter Voltage
VCE
35
V
Emitter Collector Voltage
VEC
5V
Collector Current
IC
15
mA
Power Dissipation(1)
PD
165
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PACKAGE DIMENSIONS
0.118 (3.0)
0.102 (2.6)
0.091 (2.3)
0.083 (2.1)
0.035 (0.9)
0.028 (0.7)
0.083 (2.1)
0.067 (1.7)
0.134 (3.4)
0.118 (3.0)
0.024 (0.6)
0.016 (0.4)
0.007 (.18)
0.005 (.12)
0.043 (1.1)
0.020 (0.5)
0.041 (0.1)
0.094 (2.4)
COLLECTOR
NOTES:
1. Dimensions for all drawings are in inches (millimeters).
2. Tolerance of ± .010 (.25) on all non nominal dimensions
unless otherwise specified.
FEATURES
• Surface Mount PLCC-2 Package
• Wide Reception Angle, 120°
• High Sensitivity
• Phototransistor Output
• Matched Emitter: QEB421
• Daylight Filter
SCHEMATIC
EMITTER
COLLECTOR
QSB320F
SURFACE MOUNT SILICON
INFRARED PHOTOTRANSISTOR
 2001 Fairchild Semiconductor Corporation
DS300387
2/26/01
1 OF 3
www.fairchildsemi.com


Similar Part No. - QSB320F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSB320 FAIRCHILD-QSB320 Datasheet
50Kb / 3P
   SURFACE MOUNT SILICON INFRARED PHOTOTRANSISTOR
QSB320TR FAIRCHILD-QSB320TR Datasheet
53Kb / 3P
   SURFACE MOUNT SILICON INFRARED PHOTOTRANSISTOR
More results

Similar Description - QSB320F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSB320 FAIRCHILD-QSB320 Datasheet
50Kb / 3P
   SURFACE MOUNT SILICON INFRARED PHOTOTRANSISTOR
QSB320TR FAIRCHILD-QSB320TR Datasheet
53Kb / 3P
   SURFACE MOUNT SILICON INFRARED PHOTOTRANSISTOR
QTLP610CPDTR FAIRCHILD-QTLP610CPDTR Datasheet
120Kb / 6P
   RIGHT ANGLE SURFACE MOUNT INFRARED PHOTOTRANSISTOR
QTLP610CPD FAIRCHILD-QTLP610CPD Datasheet
500Kb / 6P
   RIGHT ANGLE SURFACE MOUNT INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112 Datasheet
105Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE122 FAIRCHILD-QSE122 Datasheet
327Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE133 FAIRCHILD-QSE133 Datasheet
323Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE113 FAIRCHILD-QSE113 Datasheet
320Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_06 Datasheet
510Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213C FAIRCHILD-QSE213C Datasheet
437Kb / 4P
   Plastic Silicon Infrared Phototransistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com