Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ28400 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28400
Description  Tablet PC and Netbook 2-Series Cell Li-Ion Battery Gas Gauge and Protection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ28400 Datasheet(HTML) 5 Page - Texas Instruments

  BQ28400 Datasheet HTML 1Page - Texas Instruments BQ28400 Datasheet HTML 2Page - Texas Instruments BQ28400 Datasheet HTML 3Page - Texas Instruments BQ28400 Datasheet HTML 4Page - Texas Instruments BQ28400 Datasheet HTML 5Page - Texas Instruments BQ28400 Datasheet HTML 6Page - Texas Instruments BQ28400 Datasheet HTML 7Page - Texas Instruments BQ28400 Datasheet HTML 8Page - Texas Instruments BQ28400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
bq28400
www.ti.com
SLUSA61A – OCTOBER 2010 – REVISED DECEMBER 2010
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PIN
MIN
NOM
MAX
UNIT
PACK
VBAT + 5
Supply voltage
V
BAT
3.8
VVC2 + 5
V(STARTUP)
Minimum startup voltage
Start up voltage at PACK
5.2
5.5
V
VC1, BAT
VVC2
VVC2 + 5
V
VC2
VVSRP
VVSRP + 5
V
VIN
Input Voltage Range
VC1 – VC2
0
5
V
PACK
18.75
V
SRP to SRN
–0.3
1
V
C(REG27)
External 2.7 V REG capacitor
1
µF
TOPR
Operating temperature
–20
85
°C
ELECTRICAL CHARACTERISTICS
Typical values stated where TA = 25ºC and VBAT = VPACK = 7.2 V, Min/Max values stated where TA = –20ºC to 85ºC and VBAT
= VPACK = 3.8 V to 18.75 V over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITION(1)
MIN
TYP
MAX
UNIT
General Purpose I/O
High-level input
2
V
VIH
SMBD, SMBC, PRES
voltage
Low-level input
0.8
V
VIL
SMBD, SMBC, PRES
voltage
VOH
Output voltage high
PRES, IL = –0.5 mA
VREG27 – 0.5
V
VBAT = 3.8 V to 9 V, CL = 1 nF
3
VBAT – 0.3
8.6
V
VOH(FUSE)
High level Fuse output
VBAT = 9 V to 10 V, CL = 1 nF
7.5
8
9
tR(FUSE)
FUSE output rise time
CL = 1 nF, VOH(FUSE) = 0 V to 5 V
10
µs
IO(FUSE)
FUSE output current
FUSE active
–3
mA
FUSE output
2
6
k
Ω
ZO(FUSE)
impedance
FUSE Detect Input
0.8
2
3.2
V
VFUSE_DET
Voltage
Low-level output
0.4
V
VOL
SMBD, SMBC, TS1, IL = 7 mA
voltage
CIN
Input capacitance
5
pF
I(VOUT)
VOUT source currents VO active, VO = VREG27 – 0.6 V
–3
mA
ILKG(VOUT)
VOUT leakage current VO inactive
–0.2
0.2
µA
ILKG
Input leakage current
SMBD, SMBC, PRES, TS1
1
µA
SMBD and SMBC,
RPD(SMBx)
TA = –20°C to 100°C
600
950
1300
k
Ω
pull-down resistor
RPAD
Pad resistance
TS1
87
110
Ω
Supply Current
ICC
Normal Mode
No flash memory write, No I/O activity
400
µA
CPU=HALT
ILPM
Low-Power Mode
CHG=DSG=PCHG=OFF
55
µA
LDO ON but no load, no communication, BAT = 7.2 V
ISHUTDOWN
Shutdown Mode
TA = –20°C to 110°C
0.5
1
µA
REG27 Power On Reset
VREG27IT–
Negative-going voltage input, at REG27
2.22
2.29
2.34
V
VREG27IT+
Positive-going voltage input, at REG27
2.25
2.5
2.6
V
Flash
Data retention
10
Years
(1)
By default: SMBus has internal pull-down.
Copyright © 2010, Texas Instruments Incorporated
5
Product Folder Link(s): bq28400


Similar Part No. - BQ28400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28400 TI-BQ28400 Datasheet
404Kb / 23P
[Old version datasheet]   Tablet PC and Netbook 2-Series Cell Li-Ion Battery Gas Gauge and Protection
More results

Similar Description - BQ28400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28400 TI-BQ28400 Datasheet
404Kb / 23P
[Old version datasheet]   Tablet PC and Netbook 2-Series Cell Li-Ion Battery Gas Gauge and Protection
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
BQ28550 TI1-BQ28550 Datasheet
582Kb / 33P
[Old version datasheet]   bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ27750 TI1-BQ27750 Datasheet
1Mb / 34P
[Old version datasheet]   Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ27Z746 TI-BQ27Z746 Datasheet
1Mb / 30P
[Old version datasheet]   BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Texas Instruments
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com