Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27741-G1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27741-G1
Description  Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27741-G1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ27741-G1 Datasheet HTML 7Page - Texas Instruments BQ27741-G1 Datasheet HTML 8Page - Texas Instruments BQ27741-G1 Datasheet HTML 9Page - Texas Instruments BQ27741-G1 Datasheet HTML 10Page - Texas Instruments BQ27741-G1 Datasheet HTML 11Page - Texas Instruments BQ27741-G1 Datasheet HTML 12Page - Texas Instruments BQ27741-G1 Datasheet HTML 13Page - Texas Instruments BQ27741-G1 Datasheet HTML 14Page - Texas Instruments BQ27741-G1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
t(B)
t(BR)
t(HW1)
t(HW0)
t(CYCH)
t(DW1)
t(DW0)
t(CYCD)
Break
7-bit address
8-bit data
(a) Break and Break Recovery
(c) Host Transmitted Bit
(d) Gauge Transmitted Bit
(e) Gauge to Host Response
1.2V
t(RISE)
(b) HDQ line rise time
1-bit
R/W
t(RSPS)
t(RST)
(f) HDQ Reset
bq27741-G1
www.ti.com
SLUSBF2A – JULY 2013 – REVISED SEPTEMBER 2013
HDQ Communication Timing Characteristics
TA = –40°C to 85°C, 2.4 V < VREG25 < 2.6 V; typical values at TA = 25°C and VREG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(CYCH)
Cycle time, host to fuel gauge
190
μs
t(CYCD)
Cycle time, fuel gauge to host
190
205
250
μs
t(HW1)
Host sends 1 to fuel gauge
0.5
50
μs
t(DW1)
Fuel gauge sends 1 to host
32
50
μs
t(HW0)
Host sends 0 to fuel gauge
86
145
μs
t(DW0)
Fuel gauge sends 0 to host
80
145
μs
t(RSPS)
Response time, fuel gauge to host
190
950
μs
t(B)
Break time
190
μs
t(BR)
Break recovery time
40
μs
t(RST)
HDQ reset
1.8
2.2
s
t(RISE)
HDQ line rise time to logic 1 (1.2 V)
950
ns
Figure 2. Timing Diagrams
(a) HDQ Breaking
(b) Rise time of HDQ line
(c) HDQ Host to fuel gauge communication
(d) Fuel gauge to Host communication
(e) Fuel gauge to Host response format
(f) HDQ Host to fuel gauge reset
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq27741-G1


Similar Part No. - BQ27741-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results

Similar Description - BQ27741-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27743 TI1-BQ27743 Datasheet
624Kb / 42P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com