Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27741YZFR-G1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27741YZFR-G1
Description  Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27741YZFR-G1 Datasheet(HTML) 5 Page - Texas Instruments

  BQ27741YZFR-G1 Datasheet HTML 1Page - Texas Instruments BQ27741YZFR-G1 Datasheet HTML 2Page - Texas Instruments BQ27741YZFR-G1 Datasheet HTML 3Page - Texas Instruments BQ27741YZFR-G1 Datasheet HTML 4Page - Texas Instruments BQ27741YZFR-G1 Datasheet HTML 5Page - Texas Instruments BQ27741YZFR-G1 Datasheet HTML 6Page - Texas Instruments BQ27741YZFR-G1 Datasheet HTML 7Page - Texas Instruments BQ27741YZFR-G1 Datasheet HTML 8Page - Texas Instruments BQ27741YZFR-G1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
bq27741-G1
www.ti.com
SLUSBF2A – JULY 2013 – REVISED SEPTEMBER 2013
Recommended Operating Conditions
TA = 25°C, CREG25 = 1.0 µF, and VVPWR = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
VVPWR
Supply voltage
No operating restrictions
2.8
5.0
V
No FLASH writes
2.45
2.8
CVPWR
External input capacitor for internal
Nominal capacitor values specified.
0.1
µF
LDO between VPWR and VSS
Recommend a 5% ceramic X5R
type capacitor located close to the
CREG25
External output capacitor for
0.47
1.0
µF
device.
internal LDO between REG25 and
VSS
ICC
Normal operating mode
Fuel gauge in NORMAL mode.
167
µA
current(1)(2) (VPWR)
ILOAD > Sleep Current with charge
pumps on (FETs on)
ISLP
SLEEP mode current(1)(2) (VPWR)
Fuel gauge in SLEEP+ mode.
88
µA
ILOAD < Sleep Current with charge
pumps on (FETs on)
IFULLSLP
FULLSLEEP mode current(1)(2)
Fuel gauge in SLEEP mode.
40
µA
(VPWR)
ILOAD < Sleep Current with charge
pumps on (FETs on)
ISHUTDOWN Shutdown mode current
(1) (2)
Fuel gauge in SHUTDOWN mode.
0.1
0.2
µA
(VPWR)
UVP tripped with fuel gauge and
protector turned off (FETs off)
VVPWR = 2.5 V
TA = 25°C
TA = –40°C to 85°C
0.5
µA
VOL
Output voltage low (SCL, SDA,
IOL = 1 mA
0.4
V
HDQ, RA0, RC2)
VOH(OD)
Output voltage high (SDA, SCL,
External pullup resistor connected
VREG25 – 0.5
V
HDQ, RA0, RC2)
to VREG25
VIL
Input voltage low (SDA, SCL,
–0.3
0.6
V
HDQ, RA0)
VIH(OD)
Input voltage high (SDA, SCL,
1.2
5.5
V
HDQ, RA0)
VA1
Input voltage range (TS)
VSS – 0.125
2
V
VA2
Input voltage range (BAT)
VSS – 0.125
5
V
VA3
Input voltage range (SRP, SRN)
VVPWR
VVPWR +
V
0.125
0.125
Ilkg
Input leakage current (I/O pins)
0.3
µA
tPUCD
Power-up communication delay
250
ms
(1)
All currents are specified as charge pump on (FETs on).
(2)
All currents are continuous average over 5-second period.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq27741-G1


Similar Part No. - BQ27741YZFR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results

Similar Description - BQ27741YZFR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27743 TI1-BQ27743 Datasheet
624Kb / 42P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com