Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72530E1140S272 Datasheet(PDF) 7 Page - EPCOS

Part # B72530E1140S272
Description  Ceramic transient voltage suppressors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72530E1140S272 Datasheet(HTML) 7 Page - EPCOS

Back Button B72530E1140S272 Datasheet HTML 3Page - EPCOS B72530E1140S272 Datasheet HTML 4Page - EPCOS B72530E1140S272 Datasheet HTML 5Page - EPCOS B72530E1140S272 Datasheet HTML 6Page - EPCOS B72530E1140S272 Datasheet HTML 7Page - EPCOS B72530E1140S272 Datasheet HTML 8Page - EPCOS B72530E1140S272 Datasheet HTML 9Page - EPCOS B72530E1140S272 Datasheet HTML 10Page - EPCOS B72530E1140S272 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Ceramic transient voltage suppressors
B72530E1140S272
SMD multilayer varistor, E series
CT1210S14BAUTOG2
PPD ML PD
2012-05-23
Please read Cautions and warnings and
Page 7 of 14
Important notes at the end of this document.
Wave soldering temperature profile
Temperature characteristic at component terminal with dual-wave soldering
˚C
300
250
200
150
100
50
Time
KKE0144-J-E
2 K/s
approx. 200 K/s
5 K/s
1st wave
2nd wave
2 K/s
235 ˚C ... 260 ˚C
Forced
Limit curves
Normal curve
10 s
100 ˚C ... 130 ˚C
s
250
200
150
100
50
0
0
cooling
Soldering guidelines
The usage of mild, non-activated fluxes for soldering is recommended, as well as proper cleaning of
the PCB.
Storage condition
As far as possible, the components should be soldered within 12 months after delivery from
EPCOS.
Storage temperature: −25 up to +45 °C.
Relative humidity: <75% annual average, <95% on max. 30 days in a year.


Similar Part No. - B72530E1140S272

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72530E1140S262 EPCOS-B72530E1140S262 Datasheet
198Kb / 14P
   Ceramic transient voltage suppressors
More results

Similar Description - B72530E1140S272

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com