Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2018 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2018
Description  Power Minder IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2018 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2018 Datasheet HTML 4Page - Texas Instruments BQ2018 Datasheet HTML 5Page - Texas Instruments BQ2018 Datasheet HTML 6Page - Texas Instruments BQ2018 Datasheet HTML 7Page - Texas Instruments BQ2018 Datasheet HTML 8Page - Texas Instruments BQ2018 Datasheet HTML 9Page - Texas Instruments BQ2018 Datasheet HTML 10Page - Texas Instruments BQ2018 Datasheet HTML 11Page - Texas Instruments BQ2018 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
low-power mode until HDQ goes high, indicating an ex-
ternal system is ready to access the bq2018.
If HDQ
transitions high prior to completion of the V
OS
calculation
or if |VSR|>VWOE, then the calibration cycle is reset.
The bq2018 then postpones the calibration cycle until the
conditions are met. The calibration bit does not reset to
zero until a valid calibration cycle is completed. The re-
quirement for HDQ to remain low for the calibration cy-
cle can be disabled by setting the OVRDQ bit to 1. In this
case, calibration continues as long as |VSR|<VWOE. The
OVRDQ bit is reset to zero at the end of a valid calibra-
tion cycle.
Communicating with the bq2018
The bq2018 includes a simple single-pin (referenced to
VSS) serial data interface. A host processor uses the in-
terface to access various bq2018 registers. Battery activ-
ity may be easily monitored by adding a single contact to
the battery pack. Note: The HDQ pin requires an ex-
ternal pull-up or pull-down resistor.
The interface uses a command-based protocol, where the
host processor sends a command byte to the bq2018. The
command directs the bq2018 either to store the next
eight bits of data received to a register specified by the
command byte or to output the eight bits of data from a
register specified by the command byte.
The communication protocol is asynchronous return-to-
one.
Command and data bytes consist of a stream of
eight bits that have a maximum transmission rate of 5K
bits/sec. The least-significant bit of a command or data
byte is transmitted first. The protocol is simple enough
that it can be implemented by most host processors using
either polled or interrupt processing. Data input from the
bq2018 may be sampled using the pulse-width capture
timers available on some microcontrollers. A UART may
also be used to communicate through the HDQ pin.
If a communication time-out occurs, e.g., the host waits
longer than tCYCB for the bq2018 to respond or if this is
the first access command, then a BREAK should be sent
by the host. The host may then resend the command. The
bq2018 detects a BREAK when the HDQ pin is driven to
a logic-low state for a time, tB or greater. The HDQ pin
then returns to its normal ready-high logic state for a
time, tBR. The bq2018 is then ready to receive a com-
mand from the host processor.
The return-to-one data bit frame consists of three distinct
sections. The first section is used to start the transmis-
sion by either the host or the bq2018 taking the HDQ pin
to a logic-low state for a period, tSTRH,B. The next section
is the actual data transmission, where the data should be
valid by a period, tDSU,B, after the negative edge used to
start communication. The data should be held for a peri-
od, tDV/tDH, to allow the host or bq2018 to sample the
data bit.
The final section is used to stop the transmission by re-
turning the HDQ pin to a logic-high state by at least a
period, tSSU,B, after the negative edge used to start com-
munication. The final logic-high state should be held un-
til a period, tCYCH,B, to allow time to ensure that the bit
transmission ceased properly. The serial communication
timing specification and illustration sections give the
timings for data and break communication.
Communication with the bq2018 always occurs with the
least-significant bit being transmitted first. Figure 4 shows
an example of a communication sequence to read the
bq2018 OFR register.
bq2018 Registers
The bq2018 command and status registers are listed in
Table 5 and described below.
Command (CMDR)
The write-only command register is accessed when the
bq2018 has received eight contiguous valid command
bits. The command register contains two fields:
n
W/R
n
Command address
The W/R bit of the command register is used to select
whether the received command is for a read or a write
function. The W/R values are
CMDR Bits
76
5
4
3
2
1
0
W/R
-
--
-
-
-
-
Where W/R is
0
The bq2018 outputs the requested register
contents specified by the address portion of
the CMDR
1
The following eight bits should be written
to the register specified by the address por-
tion of the CMDR
The lower seven-bit field of CMDR contains the address
portion of the register to be accessed.
CMDR Bits
76
5
4
3
2
1
0
-
AD6 AD5
AD4
AD3
AD2
AD1
AD0
Discharge Count Registers (DCRH/DCRL)
The DCRH high-byte register (address = 7fh) and the
DCRL low-byte register (address = 7eh) contain the count
bq2018


Similar Part No. - BQ2018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2018 TI-BQ2018 Datasheet
124Kb / 21P
[Old version datasheet]   Power Minder IC
BQ2018 TI-BQ2018 Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
BQ2018SN TI-BQ2018SN Datasheet
124Kb / 21P
[Old version datasheet]   Power Minder IC
BQ2018SN-E1 TI-BQ2018SN-E1 Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
BQ2018SN-E1TR TI-BQ2018SN-E1TR Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
More results

Similar Description - BQ2018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2018 TI-BQ2018 Datasheet
124Kb / 21P
[Old version datasheet]   Power Minder IC
BQ2018SN-E1 TI-BQ2018SN-E1 Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
BQ2118 TI-BQ2118 Datasheet
369Kb / 5P
[Old version datasheet]   Power Minder??Mini-Board
logo
Kendall Howard
0004-1-002-01 KENDALLHOWARD-0004-1-002-01 Datasheet
499Kb / 1P
   UNIVERSAL WIRE MINDER
logo
List of Unclassifed Man...
DM2018 ETC2-DM2018 Datasheet
217Kb / 3P
   bq2018 Power Minder??Demonstration Module
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
KODENSHI_AUK CORP.
KOM-5121 KODENSHI-KOM-5121 Datasheet
236Kb / 1P
   Power Monitor IC
logo
International Rectifier
PVR3301 IRF-PVR3301 Datasheet
83Kb / 6P
   Microelectronic Power IC
logo
Unisonic Technologies
81XX UTC-81XX_15 Datasheet
241Kb / 7P
   POWER RESET IC
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com