Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBTLV3253PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBTLV3253PWR
Description  LOW-VOLTAGE DUAL 1-OF-4 FET MULTIP LEXER DEMULTIP LEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3253PWR Datasheet(HTML) 4 Page - Texas Instruments

  SN74CBTLV3253PWR Datasheet HTML 1Page - Texas Instruments SN74CBTLV3253PWR Datasheet HTML 2Page - Texas Instruments SN74CBTLV3253PWR Datasheet HTML 3Page - Texas Instruments SN74CBTLV3253PWR Datasheet HTML 4Page - Texas Instruments SN74CBTLV3253PWR Datasheet HTML 5Page - Texas Instruments SN74CBTLV3253PWR Datasheet HTML 6Page - Texas Instruments SN74CBTLV3253PWR Datasheet HTML 7Page - Texas Instruments SN74CBTLV3253PWR Datasheet HTML 8Page - Texas Instruments SN74CBTLV3253PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN74CBTLV3253
LOW VOLTAGE DUAL 1OF4 FET MULTIPLEXER/DEMULTIPLEXER
SCDS039H − DECEMBER 1997 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 3 V,
II = −18 mA
−1.2
V
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
Ioff
VCC = 0,
VI or VO = 0 to 3.6 V
15
µA
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
10
µA
∆ICC‡
Control inputs
VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
300
µA
Ci
Control inputs
VI = 3 V or 0
3
pF
Cio(OFF)
A port
VO = 3 V or 0,
OE = VCC
20.5
pF
Cio(OFF)
B port
VO = 3 V or 0,
OE = VCC
5.5
pF
VCC = 2.3 V,
VI = 0
II = 64 mA
5
8
VCC = 2.3 V,
TYP at VCC = 2.5 V
VI = 0
II = 24 mA
5
8
ron§
TYP at VCC = 2.5 V
VI = 1.7 V,
II = 15 mA
27
40
ron§
VI = 0
II = 64 mA
5
7
VCC = 3 V
VI = 0
II = 24 mA
5
7
VCC = 3 V
VI = 2.4 V,
II = 15 mA
10
15
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND.
§ Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On-state resistance is determined
by the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tpd
A or B¶
B or A
0.15
0.25
ns
tpd
S
A or B
1
6.8
1
5.5
ns
ten
S
A or B
1
4.3
1
4
ns
tdis
S
A or B
1
5.1
1
5.5
ns
ten
OE
A or B
1
5
1
4.8
ns
tdis
OE
A or B
1
5.5
1
5.4
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Similar Part No. - SN74CBTLV3253PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3253PWR TI-SN74CBTLV3253PWR Datasheet
732Kb / 17P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3253PWR TI1-SN74CBTLV3253PWR Datasheet
1Mb / 27P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com