Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7818EB250G4 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS7818EB250G4
Description  12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7818EB250G4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7818EB250G4 Datasheet HTML 1Page - Texas Instruments ADS7818EB250G4 Datasheet HTML 2Page - Texas Instruments ADS7818EB250G4 Datasheet HTML 3Page - Texas Instruments ADS7818EB250G4 Datasheet HTML 4Page - Texas Instruments ADS7818EB250G4 Datasheet HTML 5Page - Texas Instruments ADS7818EB250G4 Datasheet HTML 6Page - Texas Instruments ADS7818EB250G4 Datasheet HTML 7Page - Texas Instruments ADS7818EB250G4 Datasheet HTML 8Page - Texas Instruments ADS7818EB250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
®
ADS7818
+VCC to GND ............................................................................ –0.3V to 6V
Analog Inputs to GND .............................................. –0.3V to (VCC + 0.3V)
Digital Inputs to GND ............................................... –0.3V to (VCC + 0.3V)
Power Dissipation .......................................................................... 325mW
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ......................................... –40
°C to +85°C
Storage Temperature Range .......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. Exposure to absolute maximum condi-
tions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits
be handled and stored using appropriate ESD protection
methods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
PIN CONFIGURATION
Top View
1
2
3
4
8
7
6
5
+V
CC
CLK
DATA
CONV
V
REF
+In
–In
GND
ADS7818
Plastic Mini-DIP-8
PIN
NAME
DESCRIPTION
1VREF
Reference Output. Decouple to ground with a 0.1
µF ceramic capacitor and a 2.2µF tantalum capacitor.
2
+In
Non-Inverting Input.
3
–In
Inverting Input. Connect to ground or to remote ground sense point.
4
GND
Ground.
5
CONV
Convert Input. Controls the sample/hold mode, start of conversion, start of serial data transfer, type of serial transfer, and power
down mode. See the Digital Interface section for more information.
6
DATA
Serial Data Output. The 12-bit conversion result is serially transmitted most significant bit first with each bit valid on the rising edge
of CLK. By properly controlling the CONV input, it is possibly to have the data transmitted least significant bit first. See the Digital
Interface section for more information.
7
CLK
Clock Input. Synchronizes the serial data transfer and determines conversion speed.
8+VCC
Power Supply. Decouple to ground with a 0.1
µF ceramic capacitor and a 10µF tantalum capacitor.
PIN ASSIGNMENTS
1
2
3
4
8
7
6
5
+V
CC
CLK
DATA
CONV
V
REF
+In
–In
GND
ADS7818
MSOP-8
PACKAGE/ORDERING INFORMATION
MAXIMUM
MAXIMUM
INTEGRAL
DIFFERENTIAL
LINEARITY
LINEARITY
PACKAGE
SPECIFICATION
ERROR
ERROR
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
NUMBER(1)
RANGE
MARKING(2)
NUMBER(3)
MEDIA
ADS7818E
±2
N/S(4)
MSOP-8
337
–40
°C to +85°C
A18
ADS7818E/250
Tape and Reel
""
"
"
"
"
"
ADS7818E/2K5
Tape and Reel
ADS7818EB
±1
±1
MSOP-8
337
–40
°C to +85°C
A18
ADS7818EB/250
Tape and Reel
""
"
"
"
"
"
ADS7818EB/2K5
Tape and Reel
ADS7818P
±2
N/S(4)
Plastic DIP-8
006
–40
°C to +85°C
ADS7818P
ADS7818P
Rails
ADS7818PB
±1
±1
""
"
ADS7818PB
ADS7818PB
Rails
NOTE: (1) For detail drawing and dimension table, please see end of data sheet or Package Drawing File on Web. (2) Performance Grade information is marked
on the reel. (3) Models with a slash(/) are available only in Tape and reel in quantities indicated (e.g. /250 indicates 250 units per reel, /2K5 indicates 2500 devices
per reel). Ordering 2500 pieces of ”ADS7818E/2K5“ will get a single 2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to the
www.burr-brown.com web site under Applications and Tape and Reel Orientation and Dimensions. (4) N/S = Not Specified, typical only. However, 12-Bits no missing
codes is guaranteed over temperature.


Similar Part No. - ADS7818EB250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7818EB250G4 TI-ADS7818EB250G4 Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818EB250G4 TI-ADS7818EB250G4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - ADS7818EB250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7835E TI-ADS7835E Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com