Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ20Z75DBT-V180 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z75DBT-V180
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z75DBT-V180 Datasheet(HTML) 3 Page - Texas Instruments

  BQ20Z75DBT-V180 Datasheet HTML 1Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 2Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 3Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 4Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 5Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 6Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 7Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 8Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
bq20z75-V180
www.ti.com
SLUSA22 – DECEMBER 2009
TERMINAL FUNCTIONS
TERMINAL
I/O(1)
DESCRIPTION
NO.
NAME
1
DSG
O
High side N-channel discharge FET gate drive
Battery pack input voltage sense input. It also serves as device wake up when device is in shutdown
2
PACK
IA, P
mode.
Positive device supply input. Connect to the center connection of the CHG FET and DSG FET to
3
VCC
P
ensure device supply either from battery stack or battery pack input
4
ZVCHG
O
P-channel pre-charge FET gate drive
High voltage general purpose open drain output. Can be configured to be used in pre-charge
5
GPOD
OD
condition
Pre-charge mode setting input. Connect to PACK to enable 0v pre-charge using charge FET
6
PMS
I
connected at CHG pin. Connect to VSS to disable 0V pre-charge using charge FET connected at
CHG pin.
7
VSS
P
Negative device power supply input. Connect all VSS pins together for operation of device
8
REG33
P
3.3V regulator output. Connect at least a 2.2
μF capacitor to REG33 and VSS
9
TOUT
P
Termistor bias supply output
10
VCELL+
-
Internal cell voltage multiplexer and amplifier output. Connect a 0.1
μF capacitor to VCELL+ and VSS
Alert output. In case of short circuit condition, overload condition and watchdog time out this pin will
11
ALERT
I/OD
be triggered.
12
PRES
I/OD
System / Host present input. Pull up to TOUT
13
TS1
IA
Temperature sensor 1 input
14
TS2
IA
Temperature sensor 2 input
15
PFIN
I/OD
Fuse blow detection input
16
SAFE
I/OD
blow fuse signal output
17
SMBD
I/OD
SMBus data line
18
SMBC
I/OD
SMBus clock line
19
NC
-
Not Connected
20
VSS
P
Negative device power supply input. Connect all VSS pins together for operation of device.
21
VSS
P
Negative device power supply input. Connect all VSS pins together for operation of device.
22
GSRP
IA
Coulomb counter differential input. Connect to one side of the sense resistor
23
GSRN
IA
Coulomb counter differential input. Connect to one side of the sense resistor
24
MRST
I
Reset input for internal CPU core. connect to RESET for correct operation of device.
25
VSS
P
Negative device power supply input. Connect all VSS pins together for operation of device.
26
REG25
P
2.5V regulator output. Connect at least a 1
μF capacitor to REG25 and VSS
RAM backup input. Connect a capacitor to this pin and VSS to protect loss of RAM data in case of
27
RBI
P
short-circuit condition
28
VSS
P
Negative device power supply input. Connect all VSS pins together for operation of device
29
RESET
O
Reset output. Connect to MSRT.
30
ASRN
IA
Short-circuit and overload detection differential input
31
ASRP
IA
Short-circuit and overload detection differential input
Cell voltage sense input and cell balancing input for the negative voltage of the bottom cell in cell
32
VC5
IA,P
stack.
Cell voltage sense input and cell balancing input for the positive voltage of the bottom cell and the
33
VC4
IA,P
negative voltage of the second lowest cell in cell stack.
Cell voltage sense input and cell balancing input for the positive voltage of the second lowest cell in
34
VC3
IA,P
cell stack and the negative voltage of the second highest cell in 4 cell applications.
Cell voltage sense input and cell balancing input for the positive voltage of the second highest cell
35
VC2
IA,P
and the negative voltage of the highest cell in 4 cell applications. Connect to VC3 in 2 cell stack
applications
Cell voltage sense input and cell balancing input for the positive voltage of the highest cell in cell
36
VC1
IA,P
stack in 4 cell applications. Connect to VC2 in 3 or 2 cell stack applications
(1)
I = Input, IA = Analog input, I/O = Input/output, I/OD = Input/Open-drain output, O = Output, OA = Analog output, P = Power
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq20z75-V180


Similar Part No. - BQ20Z75DBT-V180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75DBT-V160 TI-BQ20Z75DBT-V160 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBT-V160 TI-BQ20Z75DBT-V160 Datasheet
378Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBT-V160 TI1-BQ20Z75DBT-V160 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
More results

Similar Description - BQ20Z75DBT-V180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75 TI-BQ20Z75 Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75_08 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75_0809 TI-BQ20Z75_0809 Datasheet
378Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com