Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1252 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1252
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1252 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1252 Datasheet HTML 1Page - Texas Instruments ADS1252 Datasheet HTML 2Page - Texas Instruments ADS1252 Datasheet HTML 3Page - Texas Instruments ADS1252 Datasheet HTML 4Page - Texas Instruments ADS1252 Datasheet HTML 5Page - Texas Instruments ADS1252 Datasheet HTML 6Page - Texas Instruments ADS1252 Datasheet HTML 7Page - Texas Instruments ADS1252 Datasheet HTML 8Page - Texas Instruments ADS1252 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADS1251
4
SBAS184D
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VDD = +5V, CLK = 8MHz, and VREF = 4.096, unless otherwise specified.
RMS NOISE vs DATA RATE
Data Rate (Hz)
100
10
10k
1k
100k
2.0
1.6
1.2
0.8
0.4
0
EFFECTIVE RESOLUTION vs DATA OUTPUT RATE
Data Output Rate (Hz)
1k
100
10k
100k
20.0
19.5
19.0
18.5
18.0
2.0
1.8
1.6
1.4
1.2
1.0
RMS NOISE vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
19.5
19.0
18.5
18.0
EFFECTIVE RESOLUTION vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
18
16
14
12
10
8
6
4
2
0
V
REF Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
RMS NOISE vs V
REF VOLTAGE
14
12
10
8
6
4
2
0
V
REF Voltage (V)
01
2
3
4
5
RMS NOISE vs V
REF VOLTAGE


Similar Part No. - ADS1252

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1252 BURR-BROWN-ADS1252 Datasheet
131Kb / 14P
   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1252 TI1-ADS1252 Datasheet
351Kb / 22P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
ADS1252 TI1-ADS1252 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
ADS1252K5 TI-ADS1252K5 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1252U BURR-BROWN-ADS1252U Datasheet
131Kb / 14P
   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI1-ADS1251_14 Datasheet
901Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com