Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5407IZAY Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5407IZAY
Description  Dual Channel 12-Bit 500 Msps Analog to Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5407IZAY Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5407IZAY Datasheet HTML 4Page - Texas Instruments ADS5407IZAY Datasheet HTML 5Page - Texas Instruments ADS5407IZAY Datasheet HTML 6Page - Texas Instruments ADS5407IZAY Datasheet HTML 7Page - Texas Instruments ADS5407IZAY Datasheet HTML 8Page - Texas Instruments ADS5407IZAY Datasheet HTML 9Page - Texas Instruments ADS5407IZAY Datasheet HTML 10Page - Texas Instruments ADS5407IZAY Datasheet HTML 11Page - Texas Instruments ADS5407IZAY Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
ADS5407
SLAS934A – MARCH 2013 – REVISED AUGUST 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 500Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, –1dBFS differential input (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
UNITS
Auto Correction
Enabled
Disabled
Vpp
DYNAMIC AC CHARACTERISTICS(1) – Vref = 1.25V
fIN = 10 MHz
63.6
63.8
fIN = 100 MHz
63.5
63.7
SNR
Signal to Noise Ratio
fIN = 230 MHz
63.5
61.5
63.7
dBFS
fIN = 450 MHz
63.1
63.6
fIN = 700 MHz
62.5
63.2
fIN = 10 MHz
84
81
fIN = 100 MHz
84
83
Second and third harmonic
HD2,3
fIN = 230 MHz
76
55
77
dBc
distortion
fIN = 450 MHz
82
84
fIN = 700 MHz
74
74
fIN = 10 MHz
78
79
Spur Free Dynamic Range
fIN = 100 MHz
78
79
Non
(excluding second, third
fIN = 230 MHz
76
70
77
dBc
HD2,3
harmonic distortion and Fs/2-
fIN = 450 MHz
76
77
Fin spur)
fIN = 700 MHz
72
72
fIN = 10 MHz
90
87
fIN = 100 MHz
86
85
IL
Fs/2-Fin interleaving spur
fIN = 230 MHz
83
60
80
dBc
fIN = 450 MHz
81
80
fIN = 700 MHz
77
77
fIN = 10 MHz
63.4
63.6
fIN = 100 MHz
63.3
63.5
Signal to noise and distortion
SINAD
fIN = 230 MHz
63.1
55
63.4
dBFS
ratio
fIN = 450 MHz
62.8
63.0
fIN = 700 MHz
61.8
62.4
fIN = 10 MHz
77
77
fIN = 100 MHz
76
77
THD
Total Harmonic Distortion
fIN = 230 MHz
74
54
74
dBc
fIN = 450 MHz
75
75
fIN = 700 MHz
70
70
fIN = 129.5 and 130.5MHz,
83
83
-7dBFS
IMD3
Inter modulation distortion
dBFS
fIN = 349.5 and 350.5MHz,
80
78
-7dBFS
Crosstalk
90
90
dB
ENOB
Effective number of bits
fIN = 230 MHz
10.2
10.3
Bit
(1)
SNR calculations do not include the DC, Fs/2 and Fs/2-fin bins when Auto correction is disabled.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5407


Similar Part No. - ADS5407IZAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5407 TI1-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
More results

Similar Description - ADS5407IZAY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
ADS5463-SP TI1-ADS5463-SP Datasheet
833Kb / 31P
[Old version datasheet]   Class V, 12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com