Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3650HG Datasheet(PDF) 5 Page - Texas Instruments

Part # 3650HG
Description  Optically-Coupled Linear ISOLATION AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

3650HG Datasheet(HTML) 5 Page - Texas Instruments

  3650HG Datasheet HTML 1Page - Texas Instruments 3650HG Datasheet HTML 2Page - Texas Instruments 3650HG Datasheet HTML 3Page - Texas Instruments 3650HG Datasheet HTML 4Page - Texas Instruments 3650HG Datasheet HTML 5Page - Texas Instruments 3650HG Datasheet HTML 6Page - Texas Instruments 3650HG Datasheet HTML 7Page - Texas Instruments 3650HG Datasheet HTML 8Page - Texas Instruments 3650HG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
®
3650/52
OUTPUT VOLTAGE AND GAIN ERROR vs TIME
Time of Operation (Hours)
8
100
100K
14
12
10
1k
10k
0
0.5
0.1
0.05
70°C
70°C
25°C
Gain Error
Change
140
120
100
80
60
1
10
100
1000
Gain
3652 COMMON-MODE AND
ISOLATION-MODE REJECTION vs GAIN
Isolation-mode Rejection
Common-mode Rejection
DC
at
I or
I R
pins
60Hz at I pins
60Hz at I
R pins
60Hz at I
R pins
DC at I or I
R pins
60Hz at I pins
140
120
100
80
60
1
10
100
1000
Gain
3650 COMMON-MODE AND
ISOLATION-MODE REJECTION vs GAIN
Isolation-mode Rejection
Common-mode Rejection
DC
60Hz
60Hz
DC
OUTPUT VOLTAGE SWING
vs INPUT SUPPLY VOLTAGE
Input Supply Voltage (V)
0
520
15
10
5
10
15
Typ at 25°C
25°C
70°C
Guaranteed
Min at Output
Supply ±15V
PHASE SHIFT vs FREQUENCY
Frequency (kHz)
–200
0.3
0
–40
–80
–120
–160
30
13
10
Gain 1 to 100
TYPICAL PERFORMANCE CURVES (CONT)
Typical at +25
°C and ±15VDC power supplies, unless otherwise noted.
REJECTION vs FREQUENCY
Frequency (kHz)
40
0.1
140
120
100
80
60
0.3
1
3
10
30
IMR
CMR
Supply Voltage
Gain = 100
3650
+V
–V
3652


Similar Part No. - 3650HG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
RHOPOINT COMPONENTS
3650 RHOPOINT-3650 Datasheet
51Kb / 2P
   Low Thermal EMF Reed Relays
logo
ebm-papst
3650 EBMPAPST-3650 Datasheet
423Kb / 1P
   TUBEAXIAL
3650 EBMPAPST-3650 Datasheet
290Kb / 4P
   AC axial compact fan
logo
3M Electronics
3650 3M-3650 Datasheet
14Kb / 2P
   Thermosetable Glass Cloth Tapes
More results

Similar Description - 3650HG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
   Optically-Coupled Linear ISOLATION AMPLIFIERS
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Bedford Opto Technology...
OPI3000MC BOT-OPI3000MC Datasheet
132Kb / 2P
   Optically Coupled Isolator 30kV Isolation
OPI3000P BOT-OPI3000P Datasheet
35Kb / 2P
   Optically Coupled Isolator 30kV Isolation
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
   Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com